Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0204 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0204
Description  GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0204 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0204 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0204 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0204 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs SPDT 2.7 V High Power Switch
DC - 3.0 GHz
Rev. V3
MASWSS0204
3
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves, 39 pF
Isolation
Insertion Loss
Return Loss
Lead-Free
SC70 Plastic Package
Qualification
Qualified
to
M/A-COM
specification
REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
0
10
20
30
40
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
0
5
10
15
20
25
30
35
0.01.0
2.03.0
4.05.0
6.0
+25°C
+85°C
-40°C
Frequency (GHz)
Reference Application Note M538 for lead-free solder reflow
recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com