Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # TX
Description  Best seller with broad lineup and AC 2000 V breakdown voltage.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

TX Datasheet(HTML) 2 Page - Panasonic Battery Group

  TX Datasheet HTML 1Page - Panasonic Battery Group TX Datasheet HTML 2Page - Panasonic Battery Group TX Datasheet HTML 3Page - Panasonic Battery Group TX Datasheet HTML 4Page - Panasonic Battery Group TX Datasheet HTML 5Page - Panasonic Battery Group TX Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TX
ASCTB18E 201209-T
TYPES
1. Standard PC board terminal
Standard packing: Tube: 40 pcs.; Case: 1,000 pcs.
Note: Please add “-1” to the end of the part number for AgPd contacts (low level load).
2. Surface-mount terminal
1) Tube packing
Standard packing: Tube: 40 pcs.; Case: 1,000 pcs.
Note: Please add “-1” to the end of the part number for AgPd contacts (low level load).
2) Tape and reel packing
Standard packing: Tape and reel: 500 pcs.; Case: 1,000 pcs.
Notes: 1. Tape and reel packing symbol “-Z” is not marked on the relay. “X” type tape and reel packing (picked from 1/2/3/4-pin side) is also available.
2. Please add “-1” to the end of the part number for AgPd contacts (low level load).
RATING
1. Coil data
1) Single side stable
2) 2 coil latching
*Pulse drive (JIS C 5442-1986)
Contact
arrangement
Nominal coil
voltage
Single side stable
2 coil latching
Part No.
Part No.
2 Form C
3V DC
TX2-3V
TX2-LT-3V
4.5V DC
TX2-4.5V
TX2-LT-4.5V
5V DC
TX2-5V
TX2-LT-5V
6V DC
TX2-6V
TX2-LT-6V
9V DC
TX2-9V
TX2-LT-9V
12V DC
TX2-12V
TX2-LT-12V
24V DC
TX2-24V
TX2-LT-24V
Contact
arrangement
Nominal coil
voltage
Single side stable
2 coil latching
Part No.
Part No.
2c
3V DC
TX2SA-3V
TX2SA-LT-3V
4.5V DC
TX2SA-4.5V
TX2SA-LT-4.5V
5V DC
TX2SA-5V
TX2SA-LT-5V
6V DC
TX2SA-6V
TX2SA-LT-6V
9V DC
TX2SA-9V
TX2SA-LT-9V
12V DC
TX2SA-12V
TX2SA-LT-12V
24V DC
TX2SA-24V
TX2SA-LT-24V
Contact
arrangement
Nominal coil
voltage
Single side stable
2 coil latching
Part No.
Part No.
2 Form C
3V DC
TX2SA-3V-Z
TX2SA-LT-3V-Z
4.5V DC
TX2SA-4.5V-Z
TX2SA-LT-4.5V-Z
5V DC
TX2SA-5V-Z
TX2SA-LT-5V-Z
6V DC
TX2SA-6V-Z
TX2SA-LT-6V-Z
9V DC
TX2SA-9V-Z
TX2SA-LT-9V-Z
12V DC
TX2SA-12V-Z
TX2SA-LT-12V-Z
24V DC
TX2SA-24V-Z
TX2SA-LT-24V-Z
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
3V DC
75%V or less of
nominal voltage*
(Initial)
10%V or more of
nominal voltage*
(Initial)
46.7mA
64.3
Ω
140mW
150%V of
nominal voltage
4.5V DC
31mA
145
Ω
5V DC
28.1mA
178
Ω
6V DC
23.3mA
257
Ω
9V DC
15.5mA
579
Ω
12V DC
11.7mA
1,028
Ω
24V DC
5.8mA
4,114
Ω
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
3V DC
75%V or less of
nominal voltage*
(Initial)
75%V or less of
nominal voltage*
(Initial)
66.7mA
66.7mA
45
Ω
45
Ω
200mW
200mW
150%V of
nominal voltage
4.5V DC
44.5mA
44.5mA
101.2
Ω
101.2
Ω
5V DC
40mA
40mA
125
Ω
125
Ω
6V DC
33.3mA
33.3mA
180
Ω
180
Ω
9V DC
22.2mA
22.2mA
405
Ω
405
Ω
12V DC
16.7mA
16.7mA
720
Ω
720
Ω
24V DC
8.3mA
8.3mA
2,880
Ω
2,880
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com