Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX Datasheet(PDF) 5 Page - Panasonic Battery Group

Part # TX
Description  Best seller with broad lineup and AC 2000 V breakdown voltage.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

TX Datasheet(HTML) 5 Page - Panasonic Battery Group

  TX Datasheet HTML 1Page - Panasonic Battery Group TX Datasheet HTML 2Page - Panasonic Battery Group TX Datasheet HTML 3Page - Panasonic Battery Group TX Datasheet HTML 4Page - Panasonic Battery Group TX Datasheet HTML 5Page - Panasonic Battery Group TX Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TX
ASCTB18E 201209-T
DIMENSIONS (mm inch)
1. Standard PC board terminal and Self clinching terminal
2. Surface-mount terminal
Schematic (Top view)
Type
External dimensions (General tolerance:
±0.3 ±.012)
Suggested mounting pad (Top view) (Tolerance:
±0.1 ±.004)
Single side stable type
2 coil latching type
Single side stable type
2 coil latching type
SA type
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
Single side stable type
External dimensions
Standard PC board terminal
General tolerance:
±0.3 ±.012
2 coil latching type
External dimensions
Standard PC board terminal
General tolerance:
±0.3 ±.012
15.00
.591
7.40
.291
0.25
.010
1.15
.020
0.50
5.08
2.54
.045
.200
.100
5.08
.200
8.20
.323
3.50
.138
.026
0.65
15.00
1.15
.020
5.08
2.54
7.40
5.08
0.25
.591
0.50
.045
.200
.100
.291
.200
.010
.026
0.65
3.50
.138
8.20
.323
PC board pattern
(Bottom view)
Tolerance:
±0.1 ±.004
5.08
2.54
8-1.0 dia.
10.16
.200
.100
8-.039 dia.
.400
Schematic (Bottom view)
Single side stable
(Deenergized condition)
Direction indication
12
10 9 8
1
3 4 5
+
–
PC board pattern
(Bottom view)
Tolerance:
±0.1 ±.004
5.08
2.54
10-1.0 dia.
12.7
.200
.100
10-.039 dia.
.500
Schematic (Bottom view)
2 coil latching
(Reset condition)
Direction indication
12
10 9 8 7
1
3
4 5 6
+
–
+
–
CAD Data
CAD Data
.591
15
0.65
.026
5.08
.200
5.08
.200
2.54
.100
8.2
.323
0.5
.020
0.25
.010
8.4
.331
9.4
±0.5
.370
±.020
.291
7.4
.591
15
0.65
.026
5.08
.200
5.08
.200
2.54
.100
8.2
.323
0.5
.020
0.25
.010
8.4
.331
9.4
±0.5
.370
±.020
.291
7.4
5.08
.200
1
.039
.100
2.54
.124
3.16
7.24
.285
5.08
.200
1
.039
.100
2.54
.124
3.16
7.24
.285
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
Direction indication
1
3
4 5
12
10 9 8
+
–
Direction indication
+
–
+
–
12
10 9
8 7
1
3
4
5 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com