| Electronic Components Datasheet Search |
|
SCA3000 Datasheet(PDF) 24 Page - VTI technologies |
|
|
|||||||||||||||||||||||||||||
SCA3000 Datasheet(HTML) 24 Page - VTI technologies |
|
24 / 43 page ![]() SCA3000 Series VTI Technologies Oy 24/ 43 www.vti.fi Doc.Nr. 8257300A.07 Rev.A.07 4 Serial Interfaces Communication between the SCA3000 sensor and master controller is based on serial data transfer and a dedicated interrupt line (INT-pin). Two different serial interfaces are available for the SCA3000 sensor: SPI and I 2C (Phillips specification V2.1). However, only one per product is enabled by pre-programming in the factory. The SCA3000 acts as a slave on both the SPI and I 2C bus. 4.1 SPI Interface SPI bus is a full duplex synchronous 4-wire serial interface. It consists of one master device and one or more slave devices. The master is defined as a micro controller providing the SPI clock, and the slave as any integrated circuit receiving the SPI clock from the master. The SCA3000 sensor always operates as a slave device in master-slave operation mode. A typical SPI connection is presented in Figure 5. DATA OUT (MOSI) DATA IN (MISO) SERIAL CLOCK (SCK) SS0 SS1 SS2 SS3 MASTER MICROCONTROLLER SI SO SCK CS SLAVE SI SO SCK CS SI SO SCK CS SI SO SCK CS Figure 5. Typical SPI connection. The data transfer uses the following 4-wire interface: MOSI master out slave in µC → SCA3000 MISO master in slave out SCA3000 → µC SCK serial clock µC → SCA3000 CSB chip select (low active) µC → SCA3000 4.1.1 SPI frame format SCA3000 SPI frame format and transfer protocol is presented in Figure 6. Figure 6. SPI frame format. Each communication frame contains 16 bits. The first 8 bits in MOSI line contains info about the operation (read/write) and the register address being accessed. The first 6 bits define the 6 bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |