Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA3000 Datasheet(PDF) 30 Page - VTI technologies

Part # SCA3000
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 30 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 26Page - VTI technologies SCA3000 Datasheet HTML 27Page - VTI technologies SCA3000 Datasheet HTML 28Page - VTI technologies SCA3000 Datasheet HTML 29Page - VTI technologies SCA3000 Datasheet HTML 30Page - VTI technologies SCA3000 Datasheet HTML 31Page - VTI technologies SCA3000 Datasheet HTML 32Page - VTI technologies SCA3000 Datasheet HTML 33Page - VTI technologies SCA3000 Datasheet HTML 34Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
30/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
5.3.3
SPI AC characteristics
The AC characteristics of the SCA3000 SPI interface are defined in Figure 11 and in Table 17.
CSB
SCK
MOSI
MISO
TLS1
TCH
THOL
TSET
TVAL1
TVAL2
TLZ
TLS2
TLH
MSB in
MSB out
LSB in
LSB out
DATA out
DATA in
TCL
Figure 11. Timing diagram for SPI communication.
Table 17. AC characteristics of SPI communication.
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Terminal CSB, SCK
1
Time from CSB (10%)
to SCK (90%)1
TLS1
Tper/2
ns
2
Time from SCK (10%)
to CSB (90%)1
TLS2
Tper/2
ns
Terminal SCK
3
SCK low time
Load
capacitance at
MISO < 35 pF
TCL
0.80*
Tper/2
Tper/2
ns
4
SCK high time
Load
capacitance at
MISO < 35 pF
TCH
0.80*
Tper/2
Tper/2
ns
5
SCK Frequency
fsck =
1/Tper
Product
specific
MHz
Terminal MOSI, SCK
6
Time from changing
MOSI (10%, 90%) to
SCK (90%)1. Data
setup time
TSET
Tper/4
ns
7
Time from SCK (90%)
to changing MOSI
(10%, 90%)1. Data
hold time
THOL
Tper/4
ns
Terminal MISO, CSB
8
Time from CSB (10%)
to stable MISO (10%,
90%)
Load
capacitance at
MISO < 35 pF
TVAL1
Tper/4
ns
9
Time from CSB (90%)
to high impedance
state of MISO1.
Load
capacitance at
MISO < 35 pF
TLZ
Tper/4
ns
Terminal MISO, SCK
10
Time from SCK (10%)
to stable MISO (10%,
90%)1.
Load
capacitance at
MISO < 35 pF
TVAL2
1.3· Tper/4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com