Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA3000-D01 Datasheet(PDF) 24 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 24 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 20Page - VTI technologies SCA3000-D01 Datasheet HTML 21Page - VTI technologies SCA3000-D01 Datasheet HTML 22Page - VTI technologies SCA3000-D01 Datasheet HTML 23Page - VTI technologies SCA3000-D01 Datasheet HTML 24Page - VTI technologies SCA3000-D01 Datasheet HTML 25Page - VTI technologies SCA3000-D01 Datasheet HTML 26Page - VTI technologies SCA3000-D01 Datasheet HTML 27Page - VTI technologies SCA3000-D01 Datasheet HTML 28Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
24/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
4
Serial Interfaces
Communication between the SCA3000 sensor and master controller is based on serial data
transfer and a dedicated interrupt line (INT-pin). Two different serial interfaces are available for the
SCA3000 sensor: SPI and I
2C (Phillips specification V2.1). However, only one per product is
enabled by pre-programming in the factory. The SCA3000 acts as a slave on both the SPI and I
2C
bus.
4.1
SPI Interface
SPI bus is a full duplex synchronous 4-wire serial interface. It consists of one master device and
one or more slave devices. The master is defined as a micro controller providing the SPI clock, and
the slave as any integrated circuit receiving the SPI clock from the master. The SCA3000 sensor
always operates as a slave device in master-slave operation mode. A typical SPI connection is
presented in Figure 5.
DATA OUT (MOSI)
DATA IN (MISO)
SERIAL CLOCK (SCK)
SS0
SS1
SS2
SS3
MASTER
MICROCONTROLLER
SI
SO
SCK
CS
SLAVE
SI
SO
SCK
CS
SI
SO
SCK
CS
SI
SO
SCK
CS
Figure 5. Typical SPI connection.
The data transfer uses the following 4-wire interface:
MOSI
master out slave in
µC → SCA3000
MISO
master in slave out
SCA3000
→ µC
SCK
serial clock
µC → SCA3000
CSB
chip select (low active)
µC → SCA3000
4.1.1
SPI frame format
SCA3000 SPI frame format and transfer protocol is presented in Figure 6.
Figure 6. SPI frame format.
Each communication frame contains 16 bits. The first 8 bits in MOSI line contains info about the
operation (read/write) and the register address being accessed. The first 6 bits define the 6 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com