Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA3000-D01 Datasheet(PDF) 38 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 38 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 34Page - VTI technologies SCA3000-D01 Datasheet HTML 35Page - VTI technologies SCA3000-D01 Datasheet HTML 36Page - VTI technologies SCA3000-D01 Datasheet HTML 37Page - VTI technologies SCA3000-D01 Datasheet HTML 38Page - VTI technologies SCA3000-D01 Datasheet HTML 39Page - VTI technologies SCA3000-D01 Datasheet HTML 40Page - VTI technologies SCA3000-D01 Datasheet HTML 41Page - VTI technologies SCA3000-D01 Datasheet HTML 42Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
38/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
8.3
Linearity
The linearity error characterization method described below is applied for those SCA3000 series
components that have measuring range ±3g or below.
Accurate input acceleration needed in linearity characterization is generated using centrifugal force
in centrifuge, see Figure 22. The RPM of the centrifuge is sweeped so that wanted input
acceleration values are applied in parallel to the sensor’s measuring axis.
Linearity error is the deviation from the straight line through sensor’s sensitivity calibration points,
see Figure 23.
Linearity error is calculated by
Equation 7
%
100
@
@
@
=
FS
Sens
Output
Output
LinEr
acc
acc
axis
Z
acc
axis
Z
,
where LinErZ-axis@acc is sensor’s Z-axis linearity error [%FS] on input acceleration acc, OutputZ-axis@acc
is sensor’s measured Z-axis output [counts] on input acceleration acc, Output@acc is sensor’s
X
Y
Z
Centrifugal
acceleration
for Z-axis
Pin #1
Figure 22. Centrifugal acceleration applied for SCA3000 Z-axis.
Input acceleration [g] (centrifugal
acceleration in parallel to
SCA3000 measuring axis)
SCA3000 output at
positive sensitivity
calibration point
SCA3000 linearity
error in [g] at input
acceleration acc
+1 g
-1 g
Possible offset error is not
included into linearity error
SCA3000 output
readings
Sensor’s ideal
output
Acceleration reading
from SCA3000 [g]
acc
Figure 23. SCA3000’s linearity error at input acceleration acc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com