Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2082CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL2082CS
Description  Current-Mode Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2082CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL2082CS Datasheet HTML 4Page - Elantec Semiconductor EL2082CS Datasheet HTML 5Page - Elantec Semiconductor EL2082CS Datasheet HTML 6Page - Elantec Semiconductor EL2082CS Datasheet HTML 7Page - Elantec Semiconductor EL2082CS Datasheet HTML 8Page - Elantec Semiconductor EL2082CS Datasheet HTML 9Page - Elantec Semiconductor EL2082CS Datasheet HTML 10Page - Elantec Semiconductor EL2082CS Datasheet HTML 11Page - Elantec Semiconductor EL2082CS Datasheet HTML 12Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EL2082C
Current-Mode Multiplier
Applications Information
Contd
The output current could be terminated witha1k
X load resistor to achieve a nominal voltage gain of 1
at the EL2082 but the IOUT load and stray capacitances would limit bandwidth greatly The lowest
practical total capacitance at IOUT is about 12 pF and this gives a 13 MHz bandwidth witha1kX
load In the above example a 100
X load is used for an upper limit of 130 MHz The operational
amplifier gives a gain of a10 to bring the overall gain to unity Wider bandwidth yet can be had by
installing CIN This is a very small capacitor typically 1 pf–2 pF and it bolsters the gain above
100 MHz Here is a table of results for this circuit used with various amplifiers
Operational
Power
b
3 dB
01 dB
Amplifier
Supplies
Rf
Rg
CIN
Bandwidth
Bandwidth
Peaking
EL2020
g
5V
620
68
34 MHz
56 MHz
0
EL2020
g
15V
620
68
40 MHz
74 MHz
0
EL2130
g
5V
620
68
73 MHz
11 MHz
10 dB
EL2030
g
15V
620
68
93 MHz
12 MHz
13 dB
EL2090
g
15V
240
27
60 MHz
10 MHz
05 dB
EL2120
g
5V
220
24
57 MHz
10 MHz
04 dB
EL2120
g
15V
220
24
65 MHz
11 MHz
03 dB
EL2070
g
5V
200
22
2 pF
150 MHz
30 MHz
04 dB
EL2071
g
5V
15K
240
2 pF
200 MHz
30 MHz
0
EL2075
g
5V
620
68
2 pF
270 MHz
30 MHz
15 dB
Maximum bandwidth is maintained over a gain range of a6to b16 dB bandwidth drops at lower
gains If wider gain range with full bandwidth is required two or more EL2082’s can be cascaded with
the IOUT of one directly driving the IIN of the next
The EL2082 can also be used with an I
xV operational circuit
Gain eb
VGAIN
1V
 RF
RIN a95X
J
2082 – 14
Inverting
EL2082 a Op-Amp
The circuit above gives a negative gain The main concern of this connection involves the total IOUT
and stray capacitances at the amplifier’s input When using traditional op-amps the pole caused by
these capacitances can make the amplifier less stable and even cause oscillations in amplifiers whose
gain-bandwidth is greater than 5 MHz A typical cure is to add a capacitor Cf in the 2 pF – 10 pF range
This will reduce overall bandwidth so a capacitor CIN can be added to regain frequency response The
ratio CfCIN is made equal to RIN Rf
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com