Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2082CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2082CS
Description  Current-Mode Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2082CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2082CS Datasheet HTML 1Page - Elantec Semiconductor EL2082CS Datasheet HTML 2Page - Elantec Semiconductor EL2082CS Datasheet HTML 3Page - Elantec Semiconductor EL2082CS Datasheet HTML 4Page - Elantec Semiconductor EL2082CS Datasheet HTML 5Page - Elantec Semiconductor EL2082CS Datasheet HTML 6Page - Elantec Semiconductor EL2082CS Datasheet HTML 7Page - Elantec Semiconductor EL2082CS Datasheet HTML 8Page - Elantec Semiconductor EL2082CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EL2082C
Current-Mode Multiplier
DC Electrical Characteristics
Contd
(VS e g15V VG e 1V VE e 08V VOUT e 0 VIN e 0 IIN e 0)
Parameter
Description
Temp
Min
Typ
Max
Test
Units
Level
VOUT
Output Swing VGAIN e 2V IIN g2 mA
Full
b
11
a
11
II
V
RL e 40K
VIOG
VOS Gain Control Extrapolated
Full
b
15
15
II
mV
from VGAIN e 01V 1V
AI
Current Gain IIN g350 mA
Full
09
10
11
II
mAmA
Nling
Nonlinearity of Gain Control
Full
2
5
II
%
VGAIN e 01V 05V 1V
ISO
Input Isolation with VGAIN eb01V
Full
b
80
b
96
II
dB
VINH
E Logic High Level
Full
20
II
V
VINL
E Logic Low Level
Full
08
II
V
ILH
Input Current of E VE e 5V
Full
b
50
50
II
mA
ILL
Input Current of E VE e 0
Full
b
50
50
II
mA
IODIS
IOUT Disabled E e 20V
Full
g
10
II
mA
IS
Supply Current
Full
13
16
II
mA
AC Electrical Characteristics
(RL e 25X CL e 4 pF CIIN e 2 pF TA e 25 C VG e 1V VS e g15V)
Parameter
Description
Min
Typ
Max
Test
Units
Level
BW1
Current Mode Bandwidth
b
3 dB
150
V
MHz
BW2
g
01 dB
30
V
MHz
BWp
Power IIN e 1 mA p-p
150
V
MHz
BWg
Gain Control Bandwidth
20
V
MHz
SRG
Gain Control Slew Rate
VG from 02V to 2V
12
V
(mAmA)
ms
TREC
Recovery Time from VG k 0
250
V
ns
TEN
Enable Time from E Pin
200
V
ns
TDIS
Disable Time from E Pin
30
V
ns
DG
Differential Gain
025
V
%
NTSC with IIN eb035 mA to a035 mA
DP
Differential Phase
005
V
Degree
NTSC with IIN eb035 mA to a035 mA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com