Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-005102 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-005102
Description  HMIC??Silicon PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-005102 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-005102 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-005102 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-005102 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-005102 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-005102 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-005102 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-005102 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
HMIC™ Silicon PIN Diode Switch
RoHS Compliant
with Integrated Bias Network
Rev. V2
MASW-005102-13600
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Absolute Maximum
Operating Temperature
-65oC to +125oC
Storage Temperature
-65oC to +150oC
Junction Temperature
+175oC
Applied Reverse Voltage
50V
RF Incident Power
+33dBm C.W.
1
Bias Current +25°C
±20mA
Note:
1. Maximum
operating
conditions
for
a
combination of RF power, D.C. bias and
temperature:
Features
♦ Broad Bandwidth Specified up to 18 GHz
♦ Usable up to 26 GHz
♦ Integrated Bias Network
♦ Low Insertion Loss / High Isolation
♦ Rugged, Glass Encapsulated Construction
♦ Fully Monolithic
Description
The MASW-005102-13600 device is a SP5T broadband
switch with integrated bias network utilizing M/A-COM's
HMICTM (Heterolithic Microwave Integrated Circuit)
process, US Patent 5,268,310. This process allows the
incorporation of silicon pedestals that form series and
shunt diodes or vias by imbedding them in low loss,
low dispersion glass. By using small spacing between
elements, this combination of silicon and glass gives
HMIC devices low loss and high isolation performance
with exceptional repeatability through low millimeter
frequencies. Large bond pads facilitate the use of low
inductance
ribbon
bonds,
while
gold
backside
metallization allows for manual or automatic chip
bonding via 80/20 - Au/Sn, 62/36/2 - Sn/Pb/Ag solders
or electrically conductive silver epoxy.
Yellow areas denote wire bond pads
Applications
These high performance switches are suitable for use
in multi-band ECM, Radar, and instrumentation control
circuits where high isolation to insertion loss ratios are
required. With a standard +5V/-5V, TTL controlled PIN
diode driver, 80nS switching speeds can be achieved.


Similar Part No. - MASW-005102

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-005102-13600 MA-COM-MASW-005102-13600 Datasheet
720Kb / 6P
Silicon SP5T PIN Diode Switch with Integrated Bias Network
MASW-005102-13600W MA-COM-MASW-005102-13600W Datasheet
720Kb / 6P
Silicon SP5T PIN Diode Switch with Integrated Bias Network
MASW-005102 MA-COM-MASW-005102_15 Datasheet
534Kb / 7P
HMIC Silicon PIN Diode Switch
More results

Similar Description - MASW-005102

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
140Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
558Kb / 7P
HMIC??Silicon PIN Diode Switch
MA4SW410B-1_V4 MA-COM-MA4SW410B-1_V4 Datasheet
781Kb / 6P
HMIC??Silicon PIN Diode Switch
MASW-004102-12760 MA-COM-MASW-004102-12760 Datasheet
107Kb / 6P
HMIC??Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102 Datasheet
123Kb / 7P
HMIC??Silicon PIN Diode Switch
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102_15 Datasheet
534Kb / 7P
HMIC Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102_15 Datasheet
123Kb / 7P
HMIC Silicon PIN Diode Switch
MA4SW410B MA-COM-MA4SW410B_15 Datasheet
793Kb / 6P
HMIC Silicon PIN Diode Switch
MA4SW510B MA-COM-MA4SW510B_15 Datasheet
531Kb / 7P
HMIC Silicon PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com