Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-009101 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009101
Description  SPDT Default On High Isolation CATV Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009101 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-009101 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
SPDT Default On High Isolation CATV Switch
5 – 3000 MHz
Rev. V3
MASW-009101
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Electrical Specifications: TA = 25°C, VC = 0 V / 3 V, Z0 = 75 Ω
4
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss RF1 to RFC
50 MHz
220 MHz
1000 MHz
2200 MHz
dB
—
0.5
0.6
0.8
1.0
1.4
Isolation
RFC-RF1/RF2
50 MHz
220 MHz
1000 MHz
2200 MHz
dB
52
47
80
70
55
50
—
Isolation
RF1-RF2
50 MHz
220 MHz
1000 MHz
2200 MHz
dB
80
60
47
95
95
70
50
—
Return Loss
50 MHz
220 MHz
1000 MHz
2200 MHz
dB
—
25
20
15
13
—
Input P1dB (RF1/RF2)
1000 MHz
dBm
—
28/18
—
IIP3 (RF1/RF2)
2 tone, 5 dBm/tone, 6MHz spacing, 1000 MHz
dBm
—
40/37
—
IIP2 (RF1/RF2)
2 tone, 5 dBm/tone, 6MHz spacing, 1000 MHz
dBm
—
58/53
—
CSO (RF1/RF2)
132 channels, 18 dBmV / channel in
dBc
—
-80/-70
—
CTB (RF1/RF2)
132 channels, 18 dBmV / channel in
dBc
—
-85/-85
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
—
16
—
Ton, Toff
50% control to 90% RF, 50% control to 10% RF
ns
—
120
—
Transients
In Band
mV
—
80
—
Control Current
|VC| = 3.0 V
µA
—
500
600
Insertion Loss RF2 to RFC
50 MHz
220 MHz
1000 MHz
2200 MHz
dB
—
0.8
0.9
1.2
1.4
1.9
4. External 0.1 µF DC blocking capacitors are required on all RF In/Out and RF ground ports. See Application Schematic.
Electrical Specifications: TA = 25°C, Z0 = 75 Ω
4, Unpowered Operation
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Isolation
RF1-RF2
50 MHz
220 MHz
1000 MHz
2200 MHz
dB
60
47
90
90
70
50
—
CSO / CTB
132 channels, 18 dBmV / channel in
dBc
—
-80/-80
—
Insertion Loss RF1 to RFC
2200 MHz
dB
—
—
1.4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com