Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-009101 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009101
Description  SPDT Default On High Isolation CATV Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009101 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-009101 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-009101 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
SPDT Default On High Isolation CATV Switch
5 – 3000 MHz
Rev. V3
MASW-009101
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Recommended PCB
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
5. Powered Operation: 1 = +3 to +5 V, 0 = 0 + 0.2 V.
Unpowered Operation: V1 = V2 = 0 V, ΙV1-V2Ι ≤ 0.1 V.
Truth Table 5
V1
V2
RFC - RF1
RFC - RF2
0
0
On
Off
1
0
On
Off
0
1
Off
On
Component
Value
Package
C1-C5
0.1 μF
0402
C6-C7
1000 pF
0402
Off-Chip Component Values
Parameter
Absolute Maximum
Input Power
(5 - 3000 MHz, 3 V Control)
+29 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 6,7
6. Exceeding any one or combination of these limits may cause
permanent damage.
7. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Application Schematic
C1-C5 = 0.1 µF
C6-C7 = 1000 pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com