Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4089CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL4089CS
Description  DC Restored Video Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4089CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL4089CS Datasheet HTML 1Page - Elantec Semiconductor EL4089CS Datasheet HTML 2Page - Elantec Semiconductor EL4089CS Datasheet HTML 3Page - Elantec Semiconductor EL4089CS Datasheet HTML 4Page - Elantec Semiconductor EL4089CS Datasheet HTML 5Page - Elantec Semiconductor EL4089CS Datasheet HTML 6Page - Elantec Semiconductor EL4089CS Datasheet HTML 7Page - Elantec Semiconductor EL4089CS Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EL4089C
DC Restored Video Amplifier
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1993 Elantec Inc
Features
 Complete video level restoration
system
 002% differential gain and 005
differential phase accuracy at
NTSC
 60 MHz bandwidth
 01 dB flatness to 10 MHz
 VS e g5V to g15V
 TTLCMOS hold signal
Applications
 Input amplifier in video
equipment
 Restoration amplifier in video
mixers
Ordering Information
Part No
Temp Range
Package
Outline
EL4089CN
0 Cto a75 C
8-Pin P-DIP
MDP0031
EL4089CS
0 Cto a75 C
8-Lead SO
MDP0027
General Description
The EL4089C is an 8-pin complete DC-restored monolithic vid-
eo amplifier sub-system It contains a high quality video ampli-
fier and a nulling sample-and-hold amplifier specifically de-
signed to stabilize video performance
When the HOLD logic input is set to a TTLCMOS logic 0 the
sample- and-hold amplifier can be used to null the DC offset of
the video amplifer
When the HOLD input goes to a TTLCMOS logic l the cor-
recting voltage is stored on the video amplifier’s input coupling
capacitor The correction voltage can be further corrected as
need be on each video line
The video amplifier is optimized for video performance and low
power Its current feedback design allows the user to maintain
essentially the same bandwidth over a gain range of nearly 101
The amplifier drives back-terminated 75
X lines
The EL4089C is fabricated in Elantec’s proprietary Comple-
mentary Bipolar process which produces NPN and PNP tran-
sistors with equivalent AC and DC performance The EL4089C
is specified for operation over 0 Cto a75 C temperature range
Connection Diagram
4089 – 1
DC restoring amplifier with a gain of 2 restoring to ground


Similar Part No. - EL4089CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4089CS INTERSIL-EL4089CS Datasheet
129Kb / 9P
DC Restored Video Amplifier
July 1998
logo
Renesas Technology Corp
EL4089CS RENESAS-EL4089CS Datasheet
579Kb / 9P
DC Restored Video Amplifier
July 1998
More results

Similar Description - EL4089CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2090C ELANTEC-EL2090C Datasheet
260Kb / 12P
100 MHz DC-Restored Video Amplifier
EL4093C ELANTEC-EL4093C Datasheet
342Kb / 16P
300 MHz DC-Restored Video Amplifier
logo
Intersil Corporation
EL4089 INTERSIL-EL4089 Datasheet
129Kb / 9P
DC Restored Video Amplifier
July 1998
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
300MHz DC-Restored Video Amplifier
January 1996
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
100MHz DC-Restored Video Amplifier
August 1995
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
DC-Restored Video Amplifier
June 28, 2006
ISL59451 INTERSIL-ISL59451 Datasheet
1Mb / 17P
Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
DC-Restored Video Amplifier
EL4093 RENESAS-EL4093 Datasheet
878Kb / 12P
300MHz DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
DC Restored Video Amplifier
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com