Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S30 Datasheet(PDF) 3 Page - Altera Corporation

Part # EP2S30
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S30 Datasheet(HTML) 3 Page - Altera Corporation

  EP2S30 Datasheet HTML 1Page - Altera Corporation EP2S30 Datasheet HTML 2Page - Altera Corporation EP2S30 Datasheet HTML 3Page - Altera Corporation EP2S30 Datasheet HTML 4Page - Altera Corporation EP2S30 Datasheet HTML 5Page - Altera Corporation EP2S30 Datasheet HTML 6Page - Altera Corporation EP2S30 Datasheet HTML 7Page - Altera Corporation EP2S30 Datasheet HTML 8Page - Altera Corporation EP2S30 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
3
Device and Package Cross Reference
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
Arria GX Devices
Table 2 lists the device name, package type, and number of pins for the Arria GX
device family.
1 The package type entries with “Option #” refer to instances where multiple package
options exist for a given package type and pin count. The option number identifies the
specific type used by the corresponding device density.
Stratix II Devices
Table 3 lists the device name, package type, and number of pins for the Stratix II
device family.
1 The package type entries with “Option #” refer to instances where multiple package
options exist for a given package type and pin count. The option number identifies the
specific type used by the corresponding device density.
Table 2. Arria GX Devices
Device
Package
Pins
EP1AGX20
Dual-Piece Lid: FBGA, Flip Chip, Option 1
Single-Piece Lid: FBGA, Flip Chip, Option 4
484
Dual-Piece Lid: FBGA, Flip Chip, Option 1
Single-Piece Lid: FBGA, Flip Chip, Option 3
780
EP1AGX35
Dual-Piece Lid: FBGA, Flip Chip, Option 1
Single- Piece Lid: FBGA, Flip Chip, Option 4
484
Dual-Piece Lid: FBGA, Flip Chip, Option 1
Single-Piece Lid: FBGA, Flip Chip, Option 3
780
EP1AGX50
Channel Lid: FBGA, Flip Chip, Option 1
484
Dual-Piece Lid: FBGA, Flip Chip, Option 1
Single-Piece Lid: FBGA, Flip Chip, Option 3
780
Dual-Piece Lid: FBGA, Flip Chip, Option 1
Single-Piece Lid: FBGA, Flip Chip, Option 2
1152
EP1AGX60
Channel Lid: FBGA, Flip Chip, Option 1
484
Dual-Piece Lid: FBGA, Flip Chip, Option 1
Single-Piece Lid: FBGA, Flip Chip, Option 3
780
Dual-Piece Lid: FBGA, Flip Chip, Option 1
Single-Piece Lid: FBGA, Flip Chip, Option 2
1152
EP1AGX90
Dual-Piece Lid: FBGA, Flip Chip, Option 1
Single-Piece Lid: FBGA, Flip Chip, Option 2
1152
Table 3. Stratix II Devices (Part 1 of 2)
Device
Package
Pins
EP2S15
Dual-Piece Lid: FBGA, Flip Chip, Option 1
Single-Piece Lid: FBGA, Flip Chip, Option 4
484
Dual-Piece Lid: FBGA, Flip Chip, Option 1
Single-Piece Lid: FBGA, Flip Chip, Option 4
672



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com