Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S30 Datasheet(PDF) 39 Page - Altera Corporation

Part # EP2S30
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S30 Datasheet(HTML) 39 Page - Altera Corporation

Back Button EP2S30 Datasheet HTML 35Page - Altera Corporation EP2S30 Datasheet HTML 36Page - Altera Corporation EP2S30 Datasheet HTML 37Page - Altera Corporation EP2S30 Datasheet HTML 38Page - Altera Corporation EP2S30 Datasheet HTML 39Page - Altera Corporation EP2S30 Datasheet HTML 40Page - Altera Corporation EP2S30 Datasheet HTML 41Page - Altera Corporation EP2S30 Datasheet HTML 42Page - Altera Corporation EP2S30 Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
39
Thermal Resistance
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
Mercury Devices Thermal Resistance
Table 39 provides thermal resistance values for Mercury devices.
FLEX Series Devices Thermal Resistance
Table 40 through Table 42 provide thermal resistance values for FLEX series devices.
FLEX 10K Devices
Table 40 lists the thermal resistance of FLEX 10K devices.
Table 39. Thermal Resistance of Mercury Devices
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EP1M120
FBGA (Cu lid)
484
0.6
12.2
10.1
8.7
7.5
FBGA (AlSiC lid)
484
0.9
13.0
11.1
9.3
7.9
EP1M350
FBGA (Cu lid)
780
0.2
10.5
8.5
7.1
5.9
FBGA (AlSiC lid)
780
0.3
11.0
9.2
7.6
6.3
Table 40. Thermal Resistance of FLEX 10K Devices (Part 1 of 3)
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EPF10K10
PLCC
84
9.0
28.0
26.0
24.0
22.0
TQFP
144
7.0
26.0
25.0
24.0
23.0
PQFP
208
5.0
29.0
27.0
25.0
20.0
EPF10K10A
TQFP
100
10.0
35.0
33.0
31.0
28.0
TQFP
144
7.0
29.0
28.0
26.0
25.0
PQFP
208
5.0
30.0
29.0
27.0
21.0
FBGA
256
7.0
33.0
30.0
28.0
26.0
EPF10K20
TQFP
144
6.0
24.0
23.0
22.0
21.0
RQFP
208
1.0
17.0
16.0
15.0
13.0
RQFP
240
1.0
14.0
12.0
11.0
10.0
EPF10K30
RQFP
208
1.0
17.0
16.0
15.0
12.0
RQFP
240
1.0
13.0
12.0
11.0
10.0
BGA
356
1.0
12.0
11.0
10.0
9.0
EPF10K30A
TQFP
144
7.0
25.0
24.0
23.0
22.0
PQFP
208
5.0
29.0
27.0
24.0
19.0
PQFP
240
4.0
25.0
22.0
20.0
17.0
FBGA
256
6.0
28.0
26.0
24.0
23.0
BGA
356
1.0
12.0
11.0
10.0
9.0
FBGA
484
5.0
24.0
22.0
21.0
20.0
EPF10K30E
TQFP
144
9.0
28.0
27.0
26.0
24.0
PQFP
208
5.0
30.0
28.0
26.0
21.0
FBGA
256
9.0
31.0
29.0
28.0
25.0
FBGA
484
6.0
26.0
25.0
24.0
22.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com