Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4332 Datasheet(PDF) 12 Page - Elantec Semiconductor

Part # EL4332
Description  Triple 2:1 300 MHz Mux-Amp AV =2
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4332 Datasheet(HTML) 12 Page - Elantec Semiconductor

Back Button EL4332 Datasheet HTML 8Page - Elantec Semiconductor EL4332 Datasheet HTML 9Page - Elantec Semiconductor EL4332 Datasheet HTML 10Page - Elantec Semiconductor EL4332 Datasheet HTML 11Page - Elantec Semiconductor EL4332 Datasheet HTML 12Page - Elantec Semiconductor EL4332 Datasheet HTML 13Page - Elantec Semiconductor EL4332 Datasheet HTML 14Page - Elantec Semiconductor EL4332 Datasheet HTML 15Page - Elantec Semiconductor EL4332 Datasheet HTML 16Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
EL4332C
Triple 2:1 300 MHz Mux-Amp AV =2
A Bandwidth Selectable Circuit
In Figure 5, a circuit is shown that allows three signals
to be either low pass filtered or full bandwidth.
This could be useful where an input signal is frequently
noisy. The component values shown
give a Butterworth LPF response, with a -3 dB fre-
quency of 50 MHz. Note again, the resistor values are
low, so that stray capacitance does not affect the desired
cut-off frequency.
Figure 5. Switched 50 MHz Low Pass Filter for High/Low Resolution Monitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com