Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4332 Datasheet(PDF) 13 Page - Elantec Semiconductor

Part # EL4332
Description  Triple 2:1 300 MHz Mux-Amp AV =2
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4332 Datasheet(HTML) 13 Page - Elantec Semiconductor

Back Button EL4332 Datasheet HTML 9Page - Elantec Semiconductor EL4332 Datasheet HTML 10Page - Elantec Semiconductor EL4332 Datasheet HTML 11Page - Elantec Semiconductor EL4332 Datasheet HTML 12Page - Elantec Semiconductor EL4332 Datasheet HTML 13Page - Elantec Semiconductor EL4332 Datasheet HTML 14Page - Elantec Semiconductor EL4332 Datasheet HTML 15Page - Elantec Semiconductor EL4332 Datasheet HTML 16Page - Elantec Semiconductor EL4332 Datasheet HTML 17Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
EL4332C
Triple 2:1 300 MHz Mux-Amp AV =2
EL4332 Macromodel
* EL4332 Macromodel
* Revision A, April 1996
****************************************************************************
*Applications Hints. The EL4332 has two VCC pins, one VEE pin, and three ground
*pins. The VCC pins (pins 14 and 15 are internally shorted together in the model,
*but the ground pins (GND1, GND2, and GND3 (nodes 2, 7, and 10, respectively)
*must be connected to ground (node 0) using a le-6W resistor. Alternatively,
* nodes 2, 7, and 10 may be connected to ground through a 25
resistor in parallel
* with a 4 nH inductor to simulate package and PCB parasitics.
****************************************************************************
* Connections:
* OUT1
*
|
GND1
*
|
|
A1
*
|
|
|
B1
*
|
|
|
|
B2
*
|
|
|
|
|
A2
*
|
|
|
|
|
|
GND2
*
|
|
|
|
|
|
|
OUT2
*
|
|
|
|
|
|
|
|
*
|
|
|
|
|
|
|
|
*
1
2
3
4
5
6
7
8
*
* OUT3
*
|
GND3
*
|
|
B3
*
|
|
|
A3
*
|
|
|
|
VEE
*
|
|
|
|
|
VCC
*
|
|
|
|
|
|
VCC
*
|
|
|
|
|
|
|
A/B
*
|
|
|
|
|
|
|
|
*
|
|
|
|
|
|
|
|
*
9
10
11
12
13
14
15
16
************A B Switch ***************
Rshort 14 15 le-12
rshort1 15 0 100 Meg
Isw 14 110 1.5 mA
vref 111 0 1.6V
q1 101 16 110 qp
q2 102 111 110 qp
R1 101 13 500
R2 102 13 500
Rd1 107 0 100
Esw 107 0 table {v(102, 101)*100} (0,0) (1,1)
*
************Amplifier #1 *************
q131 103 3 112 qp
q141 104 114 113 qp
q151 105 4 115 qp
q161 106 117 116 qp
Ia11 14 112 1 mA
Ia21 14 113 1 mA
Ib11 14 115 1 mA
Ib21 14 116 1 mA
Rga1 112 113 275
Rgb1 115 116 275
R31 103 13 275
R41 104 13 275
R51 105 13 275
R61 106 13 275
R71 1 114 400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com