Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4451 Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL4451
Description  Wideband Variable-Gain Amplifier, Gain of 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4451 Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL4451 Datasheet HTML 3Page - Elantec Semiconductor EL4451 Datasheet HTML 4Page - Elantec Semiconductor EL4451 Datasheet HTML 5Page - Elantec Semiconductor EL4451 Datasheet HTML 6Page - Elantec Semiconductor EL4451 Datasheet HTML 7Page - Elantec Semiconductor EL4451 Datasheet HTML 8Page - Elantec Semiconductor EL4451 Datasheet HTML 9Page - Elantec Semiconductor EL4451 Datasheet HTML 10Page - Elantec Semiconductor EL4451 Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EL4451C
Wideband Variable-Gain Amplifier Gain of 2
Applications Information
The EL4451 is a complete two-quadrant multipli-
ergain control with 70 MHz bandwidth It has
three sets of inputs a differential signal input
VIN a differential gain-controlling input VGAIN
and another differential input which is used to
complete a feedback loop with the output Here is
a typical connection
4451-2
The gain of the feedback divider is
H e
RG
RG a RF
The transfer function of the part is
VOUT e AO c (((VINa) b (VINb)) c ((VGAINa) b (VGAINb)) a
(VREF b VFB))
VFB is connected to VOUT through a feedback
network so VFB e H c VOUT AO is the open-
loop gain of the amplifier and is approximately
600 The large value of AO drives
((VINa) b (VINb)) c ((VGAINa) b (VGAINb)) a (VREF b VFB)
x 0
Rearranging and substituting for VFB
VOUT e (((VINa) b (VINb)) c ((VGAINa) b (VGAIN)) a VREF)H
or
VOUT e (VIN c VGAIN a VREF)H
Thus the output is equal to the difference of the
VIN’s times the difference of VGAIN’S and offset
by VREF all gained up by the feedback divider
ratio The EL4451 is stable for a direct connec-
tion between VOUT and FB and the divider may
be used for higher output gain although with the
traditional loss of bandwidth
It is important to keep the feedback divider’s im-
pedance at the FB terminal low so that stray ca-
pacitance does not diminish the loop’s phase
margin The pole caused by the parallel imped-
ance of the feedback resistors and stray capaci-
tance should be at least 150 MHz typical strays
of 3 pF thus require a feedback impedance of
360
X or less Alternatively a small capacitor
across RF can be used to create more of a fre-
quency-compensated divider The value of the ca-
pacitor should scale with the parasitic capaci-
tance at the FB input It is also practical to place
small capacitors across both the feedback and the
gain resistors (whose values maintain the desired
gain) to swamp out parasitics For instance two
10pF capacitors across equal divider resistors for
a maximum gain of 4 will dominate parasitic ef-
fects and allow a higher divider resistance
The REF pin can be used as the output’s ground
reference for DC offsetting of the output or it
can be used to sum in another signal
Gain-Control Characteristics
The quantity VGAIN in the above equations is
bounded as 0sVGAINs2 even though the exter-
nally applied voltages exceed this range Actual-
ly the gain transfer function around 0 and 2V is
‘‘soft’’ that is the gain does not clip abruptly
below the 0%-VGAIN voltage nor above the
100%-VGAIN level An overdrive of 03V must be
applied to VGAIN to obtain truly 0% or 100%
Because the 0%- or 100%- VGAIN levels cannot
be precisely determined they are extrapolated
from two points measured inside the slope of the
gain transfer curve Generally an applied VGAIN
range of b05V to a25V will assure the full nu-
merical span of 0sVGAINs2
The gain control has a small-signal bandwidth
equal to the VIN channel bandwidth and over-
load recovery resolves in about 20 nsec
Input Connections
The input transistors can be driven from resistive
and capacitive sources but are capable of oscilla-
tion when presented with an inductive input It
takes about 80nH of series inductance to make
the inputs actually oscillate equivalent to four
inches of unshielded wiring or 6
of unterminat-
ed input transmission line The oscillation has a
characteristic frequency of 500 MHz Often plac-
ing one’s finger (via a metal probe) or an oscillo-
scope probe on the input will kill the oscillation
Normal high-frequency construction obviates
any such problems where the input source is rea-
sonably close to the input If this is not possible
one can insert series resistors of around 51
X to
de-Q the inputs
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com