Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4451 Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL4451
Description  Wideband Variable-Gain Amplifier, Gain of 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4451 Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL4451 Datasheet HTML 1Page - Elantec Semiconductor EL4451 Datasheet HTML 2Page - Elantec Semiconductor EL4451 Datasheet HTML 3Page - Elantec Semiconductor EL4451 Datasheet HTML 4Page - Elantec Semiconductor EL4451 Datasheet HTML 5Page - Elantec Semiconductor EL4451 Datasheet HTML 6Page - Elantec Semiconductor EL4451 Datasheet HTML 7Page - Elantec Semiconductor EL4451 Datasheet HTML 8Page - Elantec Semiconductor EL4451 Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EL4451C
Wideband Variable-Gain Amplifier Gain of 2
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1994 Elantec Inc
Features
 Complete variable-gain amplifier
with output amplifier requires
no extra components
 Excellent linearity of 02%
 70 MHz signal bandwidth
 Operates on g5V to g15V
supplies
 All inputs are differential
 400V ms slew rate
 l70dB attenuation
4 MHz
Applications
 Leveling of varying inputs
 Variable filters
 Fading
 Text insertion into video
Ordering Information
Part No
Temp Range
Package
Outline
EL4451CN b40 Cto a85 C 14-Pin P-DIP
MDP0031
EL4451CS b40 Cto a85 C
14-Lead SO
MDP0027
General Description
The EL4451C is a complete variable gain circuit It offers wide
bandwidth and excellent linearity while including a powerful
output voltage amplifier drawing modest supply current
The EL4451C operates on g5V to g15V supplies and has an
analog input range of g2V making it ideal for video signal
processing AC characteristics do not change appreciably over
the g5V to g15V supply range
The circuit has an operational temperature range of b40 Cto
a
85 C and is packaged in plastic 14-pin DIP and 14-lead SO
The EL4451C is fabricated with Elantec’s proprietary comple-
mentary bipolar process which provides excellent signal sym-
metry and is free from latch up
Connection Diagram
4451-1


Similar Part No. - EL4451

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
Wideband Variable-Gain Amplifier, Gain of 2
October 1994
EL4451CN INTERSIL-EL4451CN Datasheet
186Kb / 10P
Wideband Variable-Gain Amplifier, Gain of 2
October 1994
EL4451CS INTERSIL-EL4451CS Datasheet
186Kb / 10P
Wideband Variable-Gain Amplifier, Gain of 2
October 1994
More results

Similar Description - EL4451

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
Wideband variable gain amplifier
1990 Aug 20
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
Wideband variable gain amplifier
1997 Nov 07
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
Wideband variable gain amplifier
1997 Nov 07
logo
Elantec Semiconductor
EL4452C ELANTEC-EL4452C Datasheet
270Kb / 12P
Wideband Variable-Gain Amplifier with Gain of 10
logo
Fairchild Semiconductor
RMM2080 FAIRCHILD-RMM2080 Datasheet
201Kb / 5P
2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
List of Unclassifed Man...
RMM2080 ETC-RMM2080 Datasheet
479Kb / 4P
2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
Wideband Variable-Gain Amplifier, Gain of 2
October 1994
EL4452 INTERSIL-EL4452 Datasheet
167Kb / 10P
Wideband Variable-Gain Amplifier with Gain of 10
December 1994
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com