Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4501CS Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL4501CS
Description  Video Front End
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4501CS Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL4501CS Datasheet HTML 2Page - Elantec Semiconductor EL4501CS Datasheet HTML 3Page - Elantec Semiconductor EL4501CS Datasheet HTML 4Page - Elantec Semiconductor EL4501CS Datasheet HTML 5Page - Elantec Semiconductor EL4501CS Datasheet HTML 6Page - Elantec Semiconductor EL4501CS Datasheet HTML 7Page - Elantec Semiconductor EL4501CS Datasheet HTML 8Page - Elantec Semiconductor EL4501CS Datasheet HTML 9Page - Elantec Semiconductor EL4501CS Datasheet HTML 10Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
EL4501C - Preliminary
Video Front End
Pin Description
Pin
Number
Pin Name
Pin Type
Pin Description
1
VFB
Input
Connection for gain and feedback resistors, RF and RG.
2
VIDEO_IN
Input
Input to DC restore amplifier. Input coupling capacitor connects from here to video source.
3
DS_MODE
Input
Sets the mode of the DS comparator. Logic high selects a standard logic output. Logic low selects an open
drain/collector.
4
DS_ENAB
Input
Enables the output of the comparator. A logic high enables the comparator. A logic low tri-states it.
5
GND
Input
Analog ground.
6
GNDD
Input
Digital ground
7RFREQ
Input
Connection for bias resistor that sets the overall timing.
8
FSEL
Input
Enable/ bypass internal brick wall filter. A logic high is used to enable the filter, a logic low to disable it.
9
SYNC_IN
Input
Input to the sync separator. Connects to the video source via a coupling capacitor, or to a color burst input filter.
10
LOS
Output
Loss of signal output. Goes high if no input video signal is detected.
11
COMPOSITE
Output
Composite sync output.
12
HORIZONTAL
Output
Horizontal sync output.
13
VERTICAL
Output
Vertical sync output.
14
ODD/EVEN
Output
Odd/Even field indicator output.
15
BACK_PORCH
Output
Back porch output.
17
SYNC_AMP
Output
Amplitude of sync tip. Can be used to control AGC circuit.
18
VSD
Input
Digital power supply. Nominally +5V
19
VS
Input
Analog power supply. Nominally +5V.
20
REF-OUT
Output
Voltage reference for use as blanking level in low cost system
21
REF_IN
Input
Dc voltage on this pin sets the DC restore voltage and output blanking level.
22
DS_REF
Input
Sets the slicing level or reference level for the comparator.
23
DS_OUT
Output
Output of the data slicing comparator. The output is either open drain/collector or standard symmetrical logic
depending on the DS_MODE pin.
24
VIDEO_OUT
Output
Output of DC restore amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com