Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4501CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL4501CS
Description  Video Front End
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4501CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL4501CS Datasheet HTML 1Page - Elantec Semiconductor EL4501CS Datasheet HTML 2Page - Elantec Semiconductor EL4501CS Datasheet HTML 3Page - Elantec Semiconductor EL4501CS Datasheet HTML 4Page - Elantec Semiconductor EL4501CS Datasheet HTML 5Page - Elantec Semiconductor EL4501CS Datasheet HTML 6Page - Elantec Semiconductor EL4501CS Datasheet HTML 7Page - Elantec Semiconductor EL4501CS Datasheet HTML 8Page - Elantec Semiconductor EL4501CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2000 Elantec Semiconductor, Inc.
General Description
The EL4501C Video Front End (VFE) is an integrated solution that
provides the key analog signal conditioning functions for analog video
signals. It forms the front end interface for either an analog or ana-
log/digital video system. The VFE contains a high bandwidth DC
Restore, a sophisticated Sync Separator, and a Data Slicer for embed-
ded data recovery.
The VFE will perform the restoration of the DC reference level
(blanking level) and the extraction of all of the necessary timing sig-
nals needed for synchronization and control. The sync separator is
designed for very good noise immunity by incorporating a signal qual-
ification scheme and internal brick wall filter. A data slicer is also
included to help decode data embedded in the active video or VBI
areas of the signal.
The VFE operates from a single 5 volt supply and is available in a
small 24 pin QSOP package that takes only 0.08in2(54mm
2) of board
area, as well as a standard 24 pin SOIC.
Connection Diagram
VIDEO_OUT
VFB
VIDEO_IN
DS_MODE
DS_ENAB
GND
GNDD
RFREQ
FSEL
SYNC_IN
LOS
COMPOSITE
HORIZONTAL
DS_OUT
DS_REF
REF_IN
REF_OUT
VS
VSD
SYNC_AMP
NC
BACK_PORCH
ODD/EVEN
VERTICAL
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
Features
• DC restore and sync separator
• Wideband (100MHz) DC restore
• Advanced sync separator
• Programmable data slicer
• Single 5 volt operation
• Differential Gain = 0.1%
• Differential Phase = 0.1°
• Low power (<75mW)
Applications
• Video Capture & Editing
• Video Projectors
• Set Top Boxes
• Security Video
• Embedded data recovery
Ordering Information
Part No.
Temp. Range
Package
Outline #
EL4501CS
-40°C to +85°C
24-Pin SOIC
MDP0027
EL4501CU
-40°C to +85°C
24-Pin QSOP
MDP0031
EL4501C - Preliminary
Video Front End


Similar Part No. - EL4501CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
Video Front End
July 7, 2004
EL4501 INTERSIL-EL4501 Datasheet
469Kb / 19P
Video Front End (VFE)
November 12, 2010
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
Video Front End
logo
Intersil Corporation
EL4501IU INTERSIL-EL4501IU Datasheet
477Kb / 19P
Video Front End
July 7, 2004
EL4501IU INTERSIL-EL4501IU Datasheet
365Kb / 19P
Video Front End
April 28, 2006
More results

Similar Description - EL4501CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
500MHz Video Front End - 4:1MUX DC-Restore
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
Analog front end for digital video processors
2004 Oct 04
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
205/170/140 MSPS Video Analog Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
Video Front End
July 7, 2004
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
Video Front End
April 28, 2006
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888_05 Datasheet
1Mb / 34P
205/170/140 MSPS Video Analog Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_10 Datasheet
469Kb / 19P
Video Front End (VFE)
November 12, 2010
logo
Faraday Technology
ADC-100 FARADAY-ADC-100 Datasheet
187Kb / 5P
VIDEO FRONT-END MODULES
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
Video Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com