Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C48543 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C48543
Description  3.3V Low Skew 1-to-4, 800MHz, Differential to LVDS Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48543 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C48543 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PI6C48543
3.3V Low Skew 1-to-4, 800MHz,
Differential to LVDS Fanout Buffer
4
PS8771B
10/02/08
Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCC
Power Supply Voltage
3.135
3.3
3.465
V
TA
Ambient Temperature
-40
85
oC
ICC
Power Supply Current
60
mA
LVCMOS/LVTTL DC Characteristics (TA = -40oC to 85oC, VCC = 3.135V to 3.465V unless otherwise stated below.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIH
Input High Voltage
2
3.765
V
VIL
Input Low Voltage
-0.3
0.8
IIH
Input High
Current
CLK_SEL
VIN = VCC = 3.465V
150
μA
CLK_EN, OE
VIN = VCC = 3.465V
5
IIL
Input Low
Current
CLK_SEL
VIN = 0V, VCC = 3.465V
-5
CLK_EN, OE
VIN = 0V, VCC = 3.465V
-150
Differential DC Characteristics (TA = -40oC to 85oC, VCC = 3.135V to 3.465V unless otherwise stated below.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IIH
Input High
Current
nCLK, nPCLK
VIN = VCC = 3.465V
5
uA
CLK, PCLK
VIN = VCC = 3.465V
150
uA
IIL
Input Low
Current
nCLK, nPCLK
VCC = 3.465V, VIN = 0V
-150
uA
CLK, PCLK
VCC = 3.465V, VIN = 0V
-5
uA
VPP
Peak-to-peak Voltage
0.15
1.3
V
VCMR
Common Mode Input Voltage(1)
0.5
VCC-
0.85V
V
Notes:
1.
For single ended applications, the maximum input voltage for CLK and nCLK is VCC+0.3V
LVPECL DC Characteristics (TA = -40oC to 85oC, VCC = 3.135V to 3.465V unless otherwise stated below.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IIH
Input High
Current
nCLK, nPCLK
VIN = VCC = 3.465V
5
μA
CLK, PCLK
VIN = VCC = 3.465V
150
IIL
Input Low
Current
nCLK, nPCLK
VCC = 3.465V, VIN = 0V
-150
CLK, PCLK
VCC = 3.465V, VIN = 0V
-5
VPP
Peak-to-peak Voltage
0.3
1
V
VCMR
Common Mode Input Voltage; Note(1)
1.5
VCC
Notes:
1.
For single ended applications, the maximum input voltage for PCLK and nPCLK is VCC+0.3V.
08-0247



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com