Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C48543 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C48543
Description  3.3V Low Skew 1-to-4, 800MHz, Differential to LVDS Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48543 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C48543 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8771B
10/02/08
PI6C48543
Block Diagram
Features
•
Maximum operation frequency: 800 MHz
•
4 pair of differential LVDS outputs
•
Selectable differential CLK and PCLK inputs
•
CLK, nCLK pair accepts LVDS, LVPECL, LVHSTL, SSTL
and HCSL input level
•
PCLK, nPCLK pair supports LVPECL, CML and SSTL
input level
•
Output Skew: 40ps (maximum)
•
Part-to-part skew: 300ps (maximum)
•
Propagation delay: 2.2ns (maximum)
•
3.3V power supply
•
Pin-to-pin compatible to ICS8543
•
Operating Temperature: -40oC to 85oC
•
Packaging (Pb-free & Green):
-20-pin TSSOP (L)
3.3V Low Skew 1-to-4, 800MHz,
Differential to LVDS Fanout Buffer
Description
The PI6C48543 is a high-performance low-skew LVDS fanout
buffer. PI6C48543 features two selectable differential inputs and
translates to four LVDS outputs. The inputs can also be configured
to single-ended with external resistor bias circuit. The CLK input
accepts LPECL or LVDS or LVHSTL or SSTL or HCSL signals,
and PCLK input accepts LVPECL or SSTL or CML signals. The
outputs are synchronized with input clock during asynchronous
assertion/deassertion of CLK_EN pin. PI6C48543 is ideal for
differential to LVDS translations and/or LVDS clock distribution.
Typical clock translation and distribution applications are data-
communications and telecommunications.
Pin Diagram
Q0
nQ0
VCC
Q1
nQ1
Q2
nQ2
GND
Q3
nQ3
GND
CLK_EN
CLK_SEL
CLK
nCLK
PCLK
nPCLK
OE
GND
VCC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLK_EN
CLK
nCLK
PCLK
nPCLK
CLK_SEL
OE
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
0
1
D
LE
Q
08-0247


Similar Part No. - PI6C48543

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48545 PERICOM-PI6C48545 Datasheet
388Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVDS Fanout Buffer
PI6C48545LE PERICOM-PI6C48545LE Datasheet
388Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVDS Fanout Buffer
More results

Similar Description - PI6C48543

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8543BGILF IDT-ICS8543BGILF Datasheet
902Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
ICS854104 IDT-ICS854104 Datasheet
750Kb / 15P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
ICS854104I IDT-ICS854104I Datasheet
321Kb / 15P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
ICS854104 RENESAS-ICS854104 Datasheet
747Kb / 16P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
ICS854104I RENESAS-ICS854104I Datasheet
724Kb / 16P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com