Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C48543LE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C48543LE
Description  3.3V Low Skew 1-to-4, 800MHz, Differential to LVDS Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48543LE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6C48543LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48543LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48543LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48543LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48543LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C48543LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C48543LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PI6C48543
3.3V Low Skew 1-to-4, 800MHz,
Differential to LVDS Fanout Buffer
6
PS8771B
10/02/08
Packaging Mechanical: 20-Pin TSSOP (L)
Ordering Information
Ordering Code
Package Code
Package Description
PI6C48543LE
L
Pb-free & Green 20-pin 173-mil wide TSSOP
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
.252
.260
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.238
.269
1
20
.169
.177
0.05
0.15
6.1
6.7
0.45
0.75
0.09
0.20
4.3
4.5
6.4
6.6
0.65
0.19
0.30
.007
.012
Max
Figure 1: Single-ended Signal Driving Differential Input
Single Ended
Clock Input
VDD
R1
1K
R2
1K
C1
0.1μ
CLK1
nCLK1
08-0247



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com