Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C48543LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C48543LE
Description  3.3V Low Skew 1-to-4, 800MHz, Differential to LVDS Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48543LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C48543LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48543LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48543LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48543LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48543LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C48543LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C48543LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PI6C48543
3.3V Low Skew 1-to-4, 800MHz,
Differential to LVDS Fanout Buffer
3
PS8771B
10/02/08
Figure 1. CLK_EN Timing Diagram
Clock Input Function Table (See Figure 2)
Inputs
Outputs
Input to Output Mode
Polarity
CLK or PCLK
nCLK or nPCLK
Q0:Q3nQ0:nQ3
0
1
LOW
HIGH
Differential to Differential
None Inverting
1
0
HIGH
LOW
Differential to Differential
None Inverting
0
Biased; VIN = VCC/2
LOW
HIGH
Single Ended to Differential
None Inverting
1
Biased; VIN = VCC/2
HIGH
LOW
Single Ended to Differential
None Inverting
Biased; VIN =
Vcc/2
0
HIGH
LOW
Single Ended to Differential
Inverting
Biased; VIN =
VCC/2
1
LOW
HIGH
Single Ended to Differential
Inverting
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCC
Supply voltage
Referenced to GND
4.6
V
VIN
Input voltage
Referenced to GND
-0.5
VCC+0.5V
VOUT
Output voltage
Referenced to GND
-0.5
VCC+0.5V
TSTG
Storage temperature
-65
150
oC
Notes:
1.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress speci
fications only and correct functional operation of the device at these or any other conditions above those listed in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
nCLK, nPCLK
CLK, PCLK
CLK_EN
nQ0:nQ3
Q0:Q3
Disabled
Enabled
08-0247



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com