Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5246CS Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL5246CS
Description  100 MHz Single Supply Rail to Rail Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5246CS Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL5246CS Datasheet HTML 1Page - Elantec Semiconductor EL5246CS Datasheet HTML 2Page - Elantec Semiconductor EL5246CS Datasheet HTML 3Page - Elantec Semiconductor EL5246CS Datasheet HTML 4Page - Elantec Semiconductor EL5246CS Datasheet HTML 5Page - Elantec Semiconductor EL5246CS Datasheet HTML 6Page - Elantec Semiconductor EL5246CS Datasheet HTML 7Page - Elantec Semiconductor EL5246CS Datasheet HTML 8Page - Elantec Semiconductor EL5246CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
EL5144C, EL5146C, EL5244C, EL5246C,
EL5444C
100 MHz Single Supply Rail to Rail Amplifier
Typical Performance Curves
Inverting Frequency Response (Gain)
VCM = 1.5V, RF = 1KΩ, RL= 150Ω
1M
10M
100M
-6
-4
-2
0
+2
FREQUENCY (Hz)
1
AV = -1
AV = -2
AV = -5.6
Inverting Frequency Response (Phase)
VCM = 1.5V, RF = 1KΩ, RL= 150Ω
1M
10M
100M
0
45
90
135
180
FREQUENCY (Hz)
2
AV = -1
AV = -2
AV = -5.6
Non-Inverting Frequency Response (Gain)
VCM = 1.5V, RL = 150Ω
1M
10M
100M
-8
-6
-4
-2
0
FREQUENCY (Hz)
19
AV = +1, RF = 0Ω
+2
AV = +2, RF = 1KΩ
AV = +5.6, RF = 1KΩ
Non-Inverting Frequency Response (Phase)
VCM = 1.5V, RL= 150Ω
1M
10M
100M
-180
-135
-90
-45
0
FREQUENCY(Hz)
15
AV = +2, RF = 1KΩ
AV = +1, RF = 0Ω
AV = +5.6, RF = 1KΩ
3dB Bandwidth vs. Die Temperature for Various Gains
RL = 10K
Ω
DIE TEMPERATURE (°C)
51
0
30
60
90
120
-55
-15
25
65
145
105
145
150
AV = +1, RF = 0Ω
AV = +2, RF = 1KΩ
AV = +5.6, RF = 1KΩ
3dB Bandwidth vs. Die Temperature for Various Gains
RL = 150
Ω
DIE TEMPERATURE (°C)
52
0
20
40
60
80
-55
-15
25
65
145
105
145
100
AV = +1, RF = 0Ω
AV = +2, RF = 1KΩ
AV = +5.6, RF = 1KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com