Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5246CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL5246CS
Description  100 MHz Single Supply Rail to Rail Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5246CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL5246CS Datasheet HTML 1Page - Elantec Semiconductor EL5246CS Datasheet HTML 2Page - Elantec Semiconductor EL5246CS Datasheet HTML 3Page - Elantec Semiconductor EL5246CS Datasheet HTML 4Page - Elantec Semiconductor EL5246CS Datasheet HTML 5Page - Elantec Semiconductor EL5246CS Datasheet HTML 6Page - Elantec Semiconductor EL5246CS Datasheet HTML 7Page - Elantec Semiconductor EL5246CS Datasheet HTML 8Page - Elantec Semiconductor EL5246CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
EL5144C, EL5146C, EL5244C, EL5246C,
EL5444C
100 MHz Single Supply Rail to Rail Amplifier
-IOUT
Negative Output Current
RL=10Ω to 2.5V
-50
-65
-80
mA
Enable (EL5146C & EL5246C Only)
tEN
Enable Time
EL5146C, EL5246C
500
nS
tDIS
Disable Time
EL5146C, EL5246C
10
nS
IIHCE
CE pin Input High Current
CE = 5V, EL5146C, EL5246C
0.003
1
µA
IILCE
CE pin Input Low Current
CE = 0V, EL5146C, EL5246C
-1.2
-3
µA
VIHCE
CE pin Input High Voltage for Power Up
EL5146C, EL5246C
2.0
V
VILCE
CE pin Input Low Voltage for Power Down
EL5146C, EL5246C
0.8
V
Supply
IsON
Supply Current - Enabled (per amplifier)
No Load, VIN= 0V, CE=5V
7
8.8
mA
IsOFF
Supply Current - Disabled (per amplifier)
No Load, VIN= 0V, CE=0V
2.6
5
µA
PSOR
Power Supply Operating Range
4.75
5.0
5.25
V
PSRR
Power Supply Rejection Ratio
DC, VS = 4.75V to 5.25V
50
60
dB
1.
Standard NTSC test, AC signal amplitude = 286 mVp-p, f=3.58 MHz, VOUT is swept from 0.8V to 3.4V, RL is DC coupled
2.
RL is Total Load Resistance due to Feedback Resistor and Load Resistor
Electrical Characteristics
VS=+5V, GND=0V, TA=25°C, CE = +2V, unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com