Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMXSS0012 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXSS0012
Description  Low Cost MMIC Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXSS0012 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAMXSS0012 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXSS0012 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMXSS0012 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Cost MMIC Mixer
800 - 1000 MHz
Rev. V1
MAMXSS0012
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: RF=900 MHz (-10 dBm), LO=840 MHz (+5 dBm), IF=60 MHz, TA = 25°C
3. With external LO Port matching. See functional schematic.
4. IMR vs. RF Drive can be calculated by the formula: IMR = 40-1.5* PIN
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Conversion Loss
—
dB
—
8.0
9.0
Isolation
LO to RF
LO to IF
RF to IF
dB
dB
dB
—
—
—
35
25
20
—
—
—
VSWR
RF Port
LO Port
2
IF Port
Ratio
Ratio
Ratio
—
—
—
2.0:1
2.0:1
2.0:1
—
—
—
Input 1 dB Compression
RF Freq. = 900 MHz, LO = +5 dBm
dBm
—
15
—
Two-Tone IM Ratio
4
Two tones at –10 dBm each,
Tone spacing = 100 KHz, IF = 60 MHz
dBc
—
55
—
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM does not recommend sustained operation near
these survivability limits.
Absolute Maximum Ratings
5,6
Parameter
Absolute Maximum
RF Input Power
+27 dBm
Low Drive Power
+27 dBm
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
4x
23.0
10.6
36.5
39.9
53.8
56.1
63.8
58.3
68.6
58.8
3x
34.1
21.3
21.6
21.8
53.9
57.6
53.4
59.3
67.3
57.2
2x
17.7
6.6
44.0
44.8
51.6
55.5
65.2
58.4
66.2
56.3
1x
14.3
4.0
0
0
57.0
57.6
63.7
56.3
67.0
56.9
0x
X
X
13.9
13.4
50.2
53.1
59.1
56.5
67.2
57.1
0x
1x
2x
3x
4x
Harmonic of RF
Spurious Table
The spurious table shows the spurious signals resulting from the
mixing of the RF and LO input signals, assuming down
conversion. Mixing products are indicated relative to the IF. The
lower frequency mixing term is shown for two different RF input
levels. The top number is for an RF input power of 0 dBm, the
lower number is for -10 dBm.
|nFRF - mFLO |, RF = 0 dBm
|nFRF - mFLO |, RF = -10 dBm
RF Frequency = 900 MHz
LO Frequency = 840 MHz
Lead-Free SOT-25 Plastic Package
†
† Reference Application Note M538 for lead-free solder reflow
recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com