Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMXSS0012 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXSS0012
Description  Low Cost MMIC Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXSS0012 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAMXSS0012 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXSS0012 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMXSS0012 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Low Cost MMIC Mixer
800 - 1000 MHz
Rev. V1
MAMXSS0012
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Cross Section View
Recommended PCB Configuration
Layout View
The PCB dielectric between RF traces and RF ground
layers should be chosen to reduce RF discontinuities
between 50
Ω lines and package pins.
M/A-COM
recommends an FR-4 dielectric thickness of 0.008” (0.2
mm) yielding a 50
Ω line width of 0.015” (0.38 mm). The
recommended metalization is 1 oz. copper.
Typical Performance Curves
Two-Tone IMR
Isolation
• Test Conditions for Down Converter Application: RF=900 MHz (-10 dBm), IF=60 MHz, LO=840 MHz (+5 dBm), LO Port match shown herein.
• Test Conditions for Up Converter Application: LO=840 MHz (+5 dBm), IF=60 MHz (-10 dBm), RF=900 MHz, LO Port match shown herein.
7.0
8.0
9.0
10.0
11.0
800
850
900
950
1000
RF Frequency (MHz)
1.0
2.0
3.0
4.0
5.0
800
850
900
950
1000
RF
LO
RF Frequency (MHz)
0
20
40
60
80
800
850
900
950
1000
RF Frequency (MHz)
RF = -10 dBm each tone
0
10
20
30
40
50
800
850
900
950
1000
LO to RF
LO to IF
RF to IF
RF Frequency (MHz)
Conversion Loss
VSWR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com