Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8562FS Datasheet(PDF) 13 Page - Analog Devices

Part # DAC8562FS
Description  5 Volt, Parallel Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8562FS Datasheet(HTML) 13 Page - Analog Devices

Back Button DAC8562FS Datasheet HTML 8Page - Analog Devices DAC8562FS Datasheet HTML 9Page - Analog Devices DAC8562FS Datasheet HTML 10Page - Analog Devices DAC8562FS Datasheet HTML 11Page - Analog Devices DAC8562FS Datasheet HTML 12Page - Analog Devices DAC8562FS Datasheet HTML 13Page - Analog Devices DAC8562FS Datasheet HTML 14Page - Analog Devices DAC8562FS Datasheet HTML 15Page - Analog Devices DAC8562FS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DAC8562
REV. A
–13–
To compensate for the SSM2018’s gain constant temperature
coefficient of –3300 ppm/
°C, a 1 kΩ, temperature-sensitive
resistor (R7) manufactured by the Precision Resistor Com-
pany with a temperature coefficient of +3500 ppm/
°C is used.
A CCON of 1
µF provides a control transition time of 1 ms which
yields a click-free change in the audio channel attenuation. Sym-
metry and offset trimming details of the VCA can be found in
the SSM2018 data sheet.
Information regarding the PT146 1 k
Ω “Compensator” can be
obtained by contacting:
Precision Resistor Company, Incorporated
10601 75th Street North
Largo, FL 34647
(813) 541-5771
A High-Compliance, Digitally Controlled Precision Current
Source
The circuit in Figure 38 shows the DAC8562 controlling a
high-compliance, precision current source using an AMP05 in-
strumentation amplifier. The AMP05’s reference pin becomes
the input, and the “old” inputs now monitor the voltage across a
precision current sense resistor, RCS. Voltage gain is set to unity,
so the transfer function is given by the following equation:
I
OUT =
V
IN
R
CS
If RCS equals 100
Ω, the output current is limited to +10 mA
with a 1 V input. Therefore, each DAC LSB corresponds to
2.4
µA. If a bipolar output current is required, then the circuit
in Figure 33 can be modified to drive the AMP05’s reference
pin with a
±1 V input signal.
Potentiometer P1 trims the output current to zero with the in-
put at 0 V. Fine gain adjustment can be accomplished by adjust-
ing R1 or R2.
A Digitally Programmable Window Detector
A digitally programmable, upper/lower limit detector using two
DAC8562s is shown in Figure 39. The required upper and
lower limits for the test are loaded into each DAC individually
by controlling HDAC/LDAC. If a signal at the test input is not
within the programmed limits, the output will indicate a logic
zero which will turn the red LED on.
9
18
1
2
17
R1
100k
7
6
R2
5k
Ω
P1
100k
Ω
5
4
11
0.1µF
–15V
AMP-05
10
RCS
100
Ω
0mA
≤ I
OUT ≤ 10mA
2.4µA/ LSB
12
0.1µF
+15V
15
DGND
AGND
DATA
DAC-8562
13
+15V
10
16
CE
CLR
20
12
0.1µF
4
REF-02
6
2
0.1µF
R3
3k
R4
1k
8
Figure 38. A High-Compliance, Digitally Controlled
Precision Current Source
15
16
DGND AGND
DAC-8562
13
10
12
0.1µF
20
+5V
2
1
1/6
74HC05
HDAC/LDAC
CLR
+5V
1k
C1
C2
0.1µF
+5V
12
3
2
1
4
6
7
5
+5V
R1
604
Ω
RED LED
T1
3
4
+5V
R2
604
Ω
GREEN LED
T1
PASS/FAIL
C1, C2 = 1/4 CMP-404
15
16
DGND AGND
DAC-8562
13
10
12
0.1µF
20
+5V
DATA
1/6
74HC05
VIN
Ω
Figure 39. A Digitally Programmable Window Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com