Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73P461A Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM73P461A
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P461A Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM73P461A Datasheet HTML 1Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 2Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 3Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 4Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 5Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
* This specification are subject to be changed without notice.
EM73P461A
EM73P461A
EM73P461A
EM73P461A
EM73P461A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
12.27.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Symbol
Symbol
Symbol
Symbol
Symbol
Pin-type
Pin-type
Pin-type
Pin-type
Pin-type
Function
Function
Function
Function
Function
P8.0(INT1)
I/O-S
2-bit bidirection I/O port with external interrupt source input and IDLE
/WAKEUPA/DIN,
releasing function
P8.2(INT0)/WAKEUPC
P8.0/DIN : data input for programming OTP
mask option :
wakeup enable, low current push-pull
wakeup enable, normal current push-pull
wakeup disable, open-drain
wakeup disable, low current push-pull
wakeup disable, normal current push-pull
P8.1(TRGB)
I/O-S
2-bit bidirection I/O port with time/counter A,B external input and IDLE
/WAKEUPB/DOUT,
releasing function
P8.3(TRGA)
P8.1/DOUT : data output for programming OTP
/WAKEUPD
mask option :
wakeup enable, low current push-pull
wakeup enable, normal current push-pull
wakeup disable, open-drain
wakeup disable, low current push-pull
wakeup disable, normal current push-pull
SOUND
Melody output
VA,VB, V1, V2, V3
Connect the capacitors for LCD bias voltage
COM0~COM3
LCD common output pins
SEG0~SEG31
LCD segment output pins
TEST/VPP
Test pin must be floating
VPP : high vlotage (12V) power source for programming OTP
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
FUNCTION DESCRIPTIONS
FUNCTION DESCRIPTIONS
FUNCTION DESCRIPTIONS
FUNCTION DESCRIPTIONS
FUNCTION DESCRIPTIONS
PROGRAM ROM (4K X 8 bits)
PROGRAM ROM (4K X 8 bits)
PROGRAM ROM (4K X 8 bits)
PROGRAM ROM (4K X 8 bits)
PROGRAM ROM (4K X 8 bits)
4 K x 8 bits program ROM contains user's program and some fixed data.
The basic structure of program ROM can be divided into 5 parts.
1. Address 000h: Reset start address.
2. Address 002h - 00Ch : 6 kinds of interrupt service routine entry addresses.
3. Address 00Eh-086h : SCALL subroutine entry address, only available at 00Eh,016h,01Eh,026h, 02Eh,
036h, 03Eh, 046h, 04Eh, 056h, 05Eh, 066h, 06Eh, 076h, 07Eh, 086h.
4. Address 000h - 7FFh : LCALL subroutine entry address.
5. Address 000h - FFFh : Except used as above function, the other region can be used as user's program region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com