Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73P461A Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM73P461A
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P461A Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM73P461A Datasheet HTML 2Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 3Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 4Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 5Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 9Page - ELAN Microelectronics Corp EM73P461A Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
* This specification are subject to be changed without notice.
EM73P461A
EM73P461A
EM73P461A
EM73P461A
EM73P461A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
12.27.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
PROGRAM ROM (8K X 8 bits)
PROGRAM ROM (8K X 8 bits)
PROGRAM ROM (8K X 8 bits)
PROGRAM ROM (8K X 8 bits)
PROGRAM ROM (8K X 8 bits)
8 K x 8 bits program ROM contains user's program and some fixed data .
The basic structure of program ROM can be divided into 6 parts.
1. Address 0000h: Reset start address.
2. Address 0002h - 000Ch : 6 kinds of interrupt service routine entry addresses .
3. Address 000Eh - 0086h : SCALL subroutine entry address, only available at 000Eh, 0016h, 001Eh, 0026h, 002Eh,
0036h, 003Eh, 0046h, 004Eh, 0056h, 005Eh, 0066h, 006Eh, 0076h, 007Eh, 0086h.
4. Address 0000h - 07FFh : LCALL subroutine entry address.
5. Address 0000h - 1FFFh : Except used as above function, the other region can be used as user's program region.
6. Address 1000h - 1FFFh : Fixed data stortage area.
address
8192 x 8 bits
000h
Reset start address
002h
INT0; External interrupt service routine entry address
004h
HTCI; High speed timer interrupt service entry address
006h
TRGA; Timer/counterA interrupt service routine entry address
008h
TRGB; Timer/counter B interrupt service routine entry address
LCALL entry address
00Ah
TBI; Time base interrupt service routine entry address
00Ch
INT1; External interrupt service routine entry address
00Eh
086h
800h
1000h
::
FFFh
Bank 1
fixed data area
1FFFh
User's program and fixed data are stored in the program ROM. User's program is according the PC value
to send next executed instruction code. Fixed data can be read out by table-look-up instruction.
Please note that fixed data only can be stored in 8K ROM Bank 1.
The program counter is a 13-bit binary counter. The PC can defined 8K ROM.
SCALL, subroutine call entry address
Table-look-up instruction :
Table -look-up instruction is depended on the Data Pointer (DP) to indicate to ROM address, then to get the
ROM code data.
LDAX
LDAX
LDAX
LDAX
LDAX
Acc
Acc
Acc
Acc
Acc
← ROM[DP]
ROM[DP]
ROM[DP]
ROM[DP]
ROM[DP]
L
L
L
L
L
LDAXI
LDAXI
LDAXI
LDAXI
LDAXI
Acc
Acc
Acc
Acc
Acc
← ROM[DP]
ROM[DP]
ROM[DP]
ROM[DP]
ROM[DP]
H
H
H
H
H,DP+1
,DP+1
,DP+1
,DP+1
,DP+1
DP is a 13-bit data register which can store the program ROM address to be the pointer for the ROM code
data. First, user load ROM address into DP by instruction "STADPL, STADPM, STADPH", then user can
get the lower nibble of ROM code data by instruction "LDAX" and higher nibble by instruction "LDAXI".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com