Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P459AM Datasheet(PDF) 23 Page - ELAN Microelectronics Corp

Part # EM78P459AM
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P459AM Datasheet(HTML) 23 Page - ELAN Microelectronics Corp

Back Button EM78P459AM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P459AM Datasheet HTML 27Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
EM78P458/459
OTP ROM
8-bit Counter
8-to-1 MUX
MUX
M
U
X
WDT
TCC
Pin
M
U
X
M
U
X
SYNC
2 cycles
TCC (R1)
PAB
PAB
PAB
TS
TE
0
0
1
1
1
0
WDTE
(in IOCE)
WDT timeout
PSR0 ~ PSR2
0
1
DATA BUS
CLK (Fosc/2 or Fosc/4)
TCC overflow
interrupt
Fig. 5 Block Diagram of TCC and WDT
4.4 I/O Ports
Port 5, Port 6, and the I/O registers are bi-directional tri-state I/O ports. The function of Pull-high,
Pull-down, and Open-drain can be set internally by IOCB0, IOCC0, and IOCD0, respectively. Port 6
features an input status changed interrupt (or wake-up) function. Each I/O pin can be defined as
"input" or "output" pin by the I/O control register (IOC50 ~ IOC60). The I/O registers and I/O control
registers are both readable and writable. The I/O interface circuits for Port 5 and Port 6 are shown in
the following Fig. 6, Fig. 7, and Fig. 8 respectively.
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com