| Electronic Components Datasheet Search |
|
EM78P459AM Datasheet(PDF) 27 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P459AM Datasheet(HTML) 27 Page - ELAN Microelectronics Corp |
|
27 / 76 page ![]() EM78P458/459 OTP ROM (2) WDT time-out (if enabled). (3) Port 6 input status change (if enabled). (4) Comparator high. (5) ADC complete. The first two cases will cause the EM78P458/459 to reset. The T and P flags of R3 can be used to determine the source of the reset (wake-up). Case 3 is considered the continuation of program execution and the global interrupt ("ENI" or "DISI" being executed) decides whether or not the controller branches to the interrupt vector following wake-up. If ENI is executed before SLEP, the instruction will begin to execute from the address 0x8 after wake-up. If DISI is executed before SLEP, the execution will restart from the instruction right next to SLEP after wake-up. Only one of the Cases 2, to 4 can be enabled before entering into sleep mode. That is, [a] if Port 6 Input Status Change Interrupt is enabled before SLEP , WDT must be disabled by software. However, the WDT bit in the option register remains enabled. Hence, the EM78P458/459 can be awakened only by Case 1 or 3. [b] if WDT is enabled before SLEP, Port 6 Input Status Changed Interrupt must be disabled. Hence, the EM78P458/459 can be awakened only by Case 1 or 2. Refer to the section on Interrupt for further details. [c] if Comparator High Interrupt is enabled before SLEP, WDT must be disabled by software. However, the WDT bit in the option register remains enabled. Hence, the EM78P458/459 can be awakened only by Case 1 or 4. If Port 6 Input Status Change Interrupt is used to wake up the EM78P458/459 (as in Case [a] above), the following instructions must be executed before SLEP: MOV A, @0Bxx000110 ; Select internal TCC clock CONTW CLR R1 ; Clear TCC and prescaler MOV A, @0Bxxxx1110 ; Select WDT prescaler CONTW WDTC ; Clear WDT and prescaler MOV A, @0B0xxxxxxx ; Disable WDT IOW RE MOV R6, R6 ; Read Port 6 MOV A, @0B00000x1x ; Enable Port 6 input change interrupt IOW RF This specification is subject to change without prior notice. 06.25.2004 (V1.4) 27 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |