Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTFD12B Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # UTFD12B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD12B Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button UTFD12B Datasheet HTML 10Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 11Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 12Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 13Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 14Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 15Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 16Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 17Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
14
UTG Series
Conscious of the wide variety of applications, contact packaging has been considered for small series (bulk packaging) and high volume
production (reeled contacts):
Size contacts #20 & #16
• 100 pieces bulk packing
(stamped & formed contacts)
• 50 pieces bulk packing
(machined contacts)
• 25 pieces bulk packing
(stamped & formed
contacts)
• 1000 pieces bulk
packing
(machined contacts)
• 5000 pieces reeled
(machined contacts)
• 3000 pieces reeled
(stamped & formed
contacts)
Size contacts #12 & #8
Packaging
Electrical characteristics: contact resistance
#20
Ø1mm
Machined
< 6m
Stamped & formed
< 15m
#16
Ø1.6mm
Machined
< 3m
Stamped & formed
< 6m
#12
Ø2.4mm
Machined
< 5m
#8
Ø3.6mm
Machined
< 5m
Available platings (contact supply separately)
A
2µ Ni + 2µ Ag
J
Gold flash over 2µ Ni
K
Min 0.4µ gold over 2µ Ni
S31
Active part: Gold flash over Ni
Crimp area: Nickel
S18
Active part: 0.75µ gold min over 2µ Ni
Crimp area: 1.3µ tin over Ni
Other: Nickel
S25
S26
Active part: 0.75µ Au over Ni
Crimp area: flash Au over Ni
TK6
2-5µ Sn pre-plated
Other platings on request (contact supply separately)
T
T: 2µm Ni mini all over +
3 to 5 µm Sn all over
D28
0.75µ gold over Ni
Electrical characteristics: contact resistance
#20
Ø1mm
Machined
< 4m
#16
Ø1.6mm
Machined
< 3m
Available platings (contact preloaded)
Min 0.4µ gold over 2µ Ni
Contact preloaded
Contact supply separately
Contact selector guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com