Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTFD12B Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # UTFD12B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD12B Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button UTFD12B Datasheet HTML 12Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 13Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 14Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 15Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 16Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 17Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 18Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 19Page - List of Unclassifed Manufacturers UTFD12B Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
16
UTG Series
Contact 1
Contact 2
Standard male
contact
Standard female
contact
Longer male
contact
Standard male
contact
Standard female
contact
FMLB
Shorter female
contact
LMFB
Crimp contacts
Exemple:
RM16M3GE1K - Size #16, Machined, Longer male, AWG16 wire.
First Mate Last Break contacts should
be chosen only if the cavity is not
marked with the earth symbol.
For
cavities marked with the earth symbol,
standard contacts will fulfill the same
role as a first mate, last break contact
used in a standard cavity.
Ground symbol
How to make FMLB / LMFB connection
First Mate Last Break contacts
Contact
size
Type
Wire size
Part number
Max
wire Ø
Max
insulator Ø
Color band
Plating
available
AWG
mm²
Male
Female
Front
Rear
#16
Ø1.6 mm
Longer male
contact
(+1mm)
Machined
30-28
0.05-0.08
RM28M1GE1
□
-
0.55
1.1
-
Red
□ =
K or J
26-24
0.13-0.2
RM24M9GE1
□
0.8
1.6
Red
Red
22-20
0.32-0.52
RM20M13GE1
□
1.18
1.8
Black
Red
RM20M12GE1
□
2.2
Blue
Red
20-16
0.52-1.5
RM16M23GE1
□
1.8
3.2
-
Red
16-14
1.5-2.5
RM14M50GE1
□
2.05
-
-
Red
16-14
1.5-2.5
RM14M30GE1
□
2.28
-
-
Red
#16
Ø1.6 mm
Shorter
female
contact
(-0.7mm)
Machined
30-28
0.05-0.08
-
RC28M1GE7□
0.55
1.1
-
Blue
□ =
K or J
26-24
0.13-0.2
RC24M9GE7
□
0.8
1.6
Red
Blue
22-20
0.32-0.52
RC20M13GE7
□
1.18
1.8
Black
Blue
RC20M12GE7
□
2.2
Blue
Blue
20-16
0.52-1.5
RC16M23GE7
□
1.8
3.2
-
Blue
16-14
1.5-2.5
RC14M50GE7
□
2.05
-
-
Blue
16-14
1.5-2.5
RC14M30GE7
□
2.28
-
-
Blue
ont
Re
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com