Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTFD14B Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # UTFD14B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD14B Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button UTFD14B Datasheet HTML 13Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 14Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 15Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 16Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 17Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 18Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 19Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 20Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
17
UTG Series
#16 coaxial contacts
We provide 2 types of coaxial contacts suitable for 50 or 75
, coaxial cable or twisted pair cable.
Monocrimp coaxial contact
• The monocrimp one-piece coaxial contacts offer high reliability plus
the economic advantage of a 95% reduction in installation time over
conventional assembly methods.
• This economy is achieved by simultaneously crimping both the inner
conductor and outer braid or drain wire.
Multipiece crimp coaxial contact
• The inner conductor and outer braid is crimped individually.
• The thermoplastic insulating bushing in the outer body is designed
to accept and permanently retain the inner contact.
• An outer ferrule is used to connect the braid to the outer contact
and provide cable support to ensure against bending and vibration.
Suitable for Coaxial cable or Twisted cable
• For jacket diameter from 1.78 to 3.05mm
Inner conductor up to 2.44mm diameter
• For jacket diameter from 0.64 to 1.45mm
Inner conductor from AWG30 to AWG24
Contacts for coaxial cable summary
Contact type
Contact range
Contact part number with
cable combination
Cabling notice
Male contact
Female contact
Multipiece
RMDXK10D28
RCDXK1D28
See page 21
See pages 25 & 26
Monocrimp
RMDX60xxD28
RCDX60xxD28
See page 27
Contacts for twisted pairs cable summary
Contact type
Contact range
Contact part number with
cable combination
Cabling notice
Male contact
Female contact
Multipiece
RMDXK10D28
+ YORK090
RCDXK1D28
+ YORK090
See page 22
See page 23
Monocrimp
RMDX60xxD28
RCDX60xxD28
See page 24
Coaxial contact range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com