Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTFD14B Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # UTFD14B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD14B Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button UTFD14B Datasheet HTML 14Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 15Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 16Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 17Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 18Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 19Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 20Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 21Page - List of Unclassifed Manufacturers UTFD14B Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
G
18
UTG Series
PCB contacts
PCB contacts
PCB soldering
UTG range can be carried out with a wave soldering process, but not reflow soldering
process.
All high temperature processes are prohibited.
Nominal length (G)
Dimension of dipsolder contacts out of connector
(contacts to be ordered separately).
Contact size
Type
Part number
Plating
Male
Female
#20
Ø1mm
Short version
RMW50A7K
RCW50A7K
K
Long version
RMW5016K
RCW5016K
#16
Ø1.6mm
Short version
RM20M12E8K
RC20M12E8K
K
Long version
RM20M12E83K
RC20M12E83K
RC20M12E84K
Exemple:
RM50A7K - Size #20, Short version, male.
* Plating indication: see plating table
Connector size
Pin contact
Socket contact
RM20M12E8*
RM20M12E83*
RC20M12E8*
RC20M12E83*
□
RC20M12E84*
10
4
9.1
3.3
8.5
12.1
12
4
9.1
3.3
8.5
12.1
14
4
9.1
3.3
8.5
12.1
16
4
9.1
3.3
8.5
12.1
UTG
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com