Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHN22206N Datasheet(PDF) 4 Page - International Rectifier

Part # AHN22206N
Description  Slim and compact size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHN22206N Datasheet(HTML) 4 Page - International Rectifier

  AHN22206N Datasheet HTML 1Page - International Rectifier AHN22206N Datasheet HTML 2Page - International Rectifier AHN22206N Datasheet HTML 3Page - International Rectifier AHN22206N Datasheet HTML 4Page - International Rectifier AHN22206N Datasheet HTML 5Page - International Rectifier AHN22206N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HN (AHN)
ASCTB5E 201212-T
REFERENCE DATA
DIMENSIONS (mm inch)
1-(1). Max. switching capacity
(1 Form C and 1 Form A)
1-(2). Max. switching capacity (2 Form C)
2-(1). Coil temperature rise (1 Form C/AC and
1 Form A/AC types)
Measured portion: Inside the coil
Ambient temperature: 70
°C 158°F
10
50
20 30
100
250
100
50
30
20
16
10
5
1
0.5
1 Form A and
1 Form C types
AC resistive load
1 Form C type
DC resistive load
1 Form A type DC resistive load
Contact voltage, V
10
5
1
0.5
0.4
0.3
0.2
10
50
20 30
100
250
Contact voltage, V
AC resistive load
DC resistive load
80
90
100 110
140
120 130
0
20
40
60
80
100
120
Coil applied voltage, %V
16A
0A
2-(2). Coil temperature rise (1 Form C/DC and
1 Form A/DC types)
Measured portion: Inside the coil
Ambient temperature: 70
°C 158°F
2-(3). Coil temperature rise (2 Form C/AC type)
Measured portion: Inside the coil
Ambient temperature: 70
°C 158°F
2-(4). Coil temperature rise (2 Form C/DC type)
Measured portion: Inside the coil
Ambient temperature: 70
°C 158°F
80
90
100 110
140
120 130
0
10
30
20
40
50
60
70
Coil applied voltage, %V
16A
0A
80
90
100 110
140
120 130
0
20
40
60
80
100
120
Coil applied voltage, %V
5A
0A
80
90
100 110
140
120 130
0
10
30
20
40
50
60
70
Coil applied voltage, %V
5A
0A
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. Plug-in type 1 Form C
External dimensions
4.75
0.5
4.7
7.5
17.5
5.2
5.2
Max. 13
Max. 29
Max. 29
5.3
0.5
.187
.020
.185
.295
.689
.205 .205
Max. .512
Max. 1.142
Max. 1.142
.209
.020
Schematic (Bottom view)
Standard type
52
4
3
1
With LED AC type
With Diode type
With LED DC type
With Diode and LED type
52
4
3
1
52
4
3
1
1
3
4
2
5
1
3
4
2
5
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com