Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHN22206N Datasheet(PDF) 5 Page - International Rectifier

Part # AHN22206N
Description  Slim and compact size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHN22206N Datasheet(HTML) 5 Page - International Rectifier

  AHN22206N Datasheet HTML 1Page - International Rectifier AHN22206N Datasheet HTML 2Page - International Rectifier AHN22206N Datasheet HTML 3Page - International Rectifier AHN22206N Datasheet HTML 4Page - International Rectifier AHN22206N Datasheet HTML 5Page - International Rectifier AHN22206N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HN (AHN)
ASCTB5E 201212-T
SAFETY STANDARDS
* CSA standard: Certified by C-UL
** Please consult us.
File No.
Certification authority: UL/C-UL
File No.
Certification authority: VDE
1 Form C
E43149*
10A 277V AC, 10A 30V DC
40012003
10A 250V AC (cos
φ=1.0), 10A 30V DC (0ms)
2 Form C
E43149*
5A 277V AC, 5A 30V DC
40012003
5A 250V AC (cos
φ=1.0), 5A 30V DC (0ms)
1 Form A (TM type)
E43149*
16A 277V AC, 16A 30V DC, TV-5
—
**
2. Plug-in type 2 Form C
External dimensions
19.4
7.5
Max. 28
Max. 29
Max. 13
6
8.9
0.5
0.5
2.6
2.6
55
.764
.295
Max. 1.102
Max. 1.142
Max. .512
.236
.020
.020
.102
.102
.197 .197
.350
Schematic (Bottom view)
Standard type
3
87
6
5
4
2
1
With LED AC type
With Diode type
With LED DC type
With Diode and LED type
12
4
5
6
7
8
3
12
4
5
6
7
8
3
12
4
5
6
7
8
3
12
4
5
6
7
8
3
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
3. TM type 1 Form A
External dimensions
#187 tab terminal
8.5
17.5
7.5
Max. 30
Max. 45
Max. 13
Max. 29
0.5
2.5
3.7
5.2
0.5
4.75
4.75
.335
.389
.295
Max. 1.181
Max. 1.772
Max. .512
Max. 1.142
.020
.098
.146
.205
.020
.187
.187
Notes: 1. When mounting the TM type, since the
cover is made from polycarbonate, please
use a washer in order to prevent damage,
deformation, and loosening.
2. Suitable tightening torque is 0.3 to 0.5 N·m.
Schematic
Mounting hole dimensions
1
5
43
38
2-M3 or 2-3.5 dia.
1.496
2-.118 or 2-.138 dia.
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com