Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7809AC Datasheet(PDF) 56 Page - STMicroelectronics

Part # L7809AC
Description  Positive voltage regulator ICs
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809AC Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L7809AC Datasheet HTML 49Page - STMicroelectronics L7809AC Datasheet HTML 50Page - STMicroelectronics L7809AC Datasheet HTML 51Page - STMicroelectronics L7809AC Datasheet HTML 52Page - STMicroelectronics L7809AC Datasheet HTML 53Page - STMicroelectronics L7809AC Datasheet HTML 54Page - STMicroelectronics L7809AC Datasheet HTML 55Page - STMicroelectronics L7809AC Datasheet HTML 56Page - STMicroelectronics L7809AC Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
Revision history
L78xx, L78xxC, L78xxAB, L78xxAC
56/57
Doc ID 2143 Rev 30
10
Revision history
Table 32.
Document revision history
Date
Revision
Changes
21-Jun-2004
12
Document updating.
03-Aug-2006
13
Order codes has been updated and new template.
19-Jan-2007
14
D²PAK mechanical data has been updated and add footprint data.
31-May-2007
15
Order codes has been updated.
29-Aug-2007
16
Added
Table 1 in cover page.
11-Dec-2007
17
Modified:
Table 31.
06-Feb-2008
18
Added: TO-220 mechanical data
Figure 38 on page 40 , Figure 39 on page 41,
and
Table 23 on page 39. Modified: Table 31 on page 54.
18-Mar-2008
19
Added:
Table 26: DPAK mechanical data on page 47, Table 27: Tape and reel
DPAK mechanical data on page 48. Modified: Table 31 on page 54.
26-Jan-2010
20
Modified
Table 1 on page 1 and Table 23 on page 39, added: Figure 38 on
page 40 and Figure 39 on page 41, Figure 40 on page 42 and Figure 41 on
page 42.
04-Mar-2010
21
Added notes
Figure 38 on page 40.
08-Sep-2010
22
Modified
Table 31 on page 54.
23-Nov-2010
23
Added: TJ = 25 °C test condition in ΔVO on Table 5, 6, 7, 8, 9, 10 and Table 11.
16-Sep-2011
24
Modified title on page 1.
30-Nov-2011
25
Added: order codes L7805CV-DG, L7806CV-DG, L7808ABV-DG, L7812CV-
DG and L7815CV-DG
Table 31 on page 54.
08-Feb-2012
26
Added: order codes L7805ACV-DG, L7805ABV-DG, L7806ABV-DG, L7808CV-
DG, L7809CV-DG, L7812ACV-DG, L7818CV-DG, L7824CV-DG
Table 31 on
page 54.
27-Mar-2012
27
Added: order codes L7812ABV-DG, L7815ABV-DG
Table 31 on page 54.
27-Apr-2012
28
Modified: VI = 10.4 to 23 V ==> VI = 11.4 to 23 V test conditon value
Line regulation
Table 8 on page 13.
10-May-2012
29
Added: order codes L7806ACV-DG, L7808ACV-DG, L7815ACV-DG,
L7824ABV-DG and L7824ACV-DG
Table 31 on page 54.
19-Sep-2012
30
Modified load regulation units from V to mV in
Table 5 to Table 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com