Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7809AC Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7809AC
Description  Positive voltage regulator ICs
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809AC Datasheet(HTML) 1 Page - STMicroelectronics

  L7809AC Datasheet HTML 1Page - STMicroelectronics L7809AC Datasheet HTML 2Page - STMicroelectronics L7809AC Datasheet HTML 3Page - STMicroelectronics L7809AC Datasheet HTML 4Page - STMicroelectronics L7809AC Datasheet HTML 5Page - STMicroelectronics L7809AC Datasheet HTML 6Page - STMicroelectronics L7809AC Datasheet HTML 7Page - STMicroelectronics L7809AC Datasheet HTML 8Page - STMicroelectronics L7809AC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
This is information on a product in full production.
September 2012
Doc ID 2143 Rev 30
1/57
57
L78xx, L78xxC
L78xxAB, L78xxAC
Positive voltage regulator ICs
Datasheet
− production data
Features
■ Output current up to 1.5 A
■ Output voltages of 5; 6; 8; 8.5; 9; 12; 15; 18;
24 V
■ Thermal overload protection
■ Short circuit protection
■ Output transition SOA protection
■ 2 % output voltage tolerance (A version)
■ Guaranteed in extended temperature range
(A version)
Description
The L78xx series of three-terminal positive
regulators is available in TO-220, TO-220FP, TO-
3, D²PAK and DPAK packages and several fixed
output voltages, making it useful in a wide range
of applications.
These regulators can provide local on-card
regulation, eliminating the distribution problems
associated with single point regulation. Each type
employs internal current limiting, thermal shut-
down and safe area protection, making it
essentially indestructible. If adequate heat sinking
is provided, they can deliver over 1 A output
current. Although designed primarily as fixed
voltage regulators, these devices can be used
with external components to obtain adjustable
voltage and currents.
TO-220FP
TO-3
TO-220
D²PAK
DPAK
Table 1.
Device summary
Part numbers
L7805
L7806AC
L7809AB
L7815AB
L7805C
L7808C
L7809AC
L7815AC
L7805AB
L7808AB
L7812C
L7818C
L7805AC
L7808AC
L7812AB
L7824C
L7806C
L7885C
L7812AC
L7824AB
L7806AB
L7809C
L7815C
L7824AC
www.st.com


Similar Part No. - L7809AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7809AC STMICROELECTRONICS-L7809AC Datasheet
108Kb / 17P
PRECISION 1A REGULATORS
Nov-1999
L7809AC STMICROELECTRONICS-L7809AC Datasheet
373Kb / 28P
Precision 1A regulators
19-Jan-2007
L7809AC STMICROELECTRONICS-L7809AC Datasheet
780Kb / 26P
Precision 1 A regulators
15-Jul-2008
L7809AC STMICROELECTRONICS-L7809AC Datasheet
780Kb / 26P
Precision 1 A regulators
15-Jul-2008
L7809AC STMICROELECTRONICS-L7809AC Datasheet
1Mb / 56P
Positive voltage regulators
08-Sep-2010
More results

Similar Description - L7809AC

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
STMicroelectronics
L7812ABV-DG STMICROELECTRONICS-L7812ABV-DG Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7824ABD2T STMICROELECTRONICS-L7824ABD2T Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7824CV-DG STMICROELECTRONICS-L7824CV-DG Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
CD00000444 STMICROELECTRONICS-CD00000444 Datasheet
1Mb / 58P
Positive voltage regulator ICs
L7815CV-DG STMICROELECTRONICS-L7815CV-DG Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
L7808ABV-DG STMICROELECTRONICS-L7808ABV-DG Datasheet
1Mb / 58P
Positive voltage regulator ICs
L78 STMICROELECTRONICS-L78_V01 Datasheet
1Mb / 55P
Positive voltage regulator ICs
17-Sep-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com