Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVC-105-13 Datasheet(PDF) 26 Page - Alpha Wire

Part # PVC-105-13
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-13 Datasheet(HTML) 26 Page - Alpha Wire

Back Button PVC-105-13 Datasheet HTML 22Page - Alpha Wire PVC-105-13 Datasheet HTML 23Page - Alpha Wire PVC-105-13 Datasheet HTML 24Page - Alpha Wire PVC-105-13 Datasheet HTML 25Page - Alpha Wire PVC-105-13 Datasheet HTML 26Page - Alpha Wire PVC-105-13 Datasheet HTML 27Page - Alpha Wire PVC-105-13 Datasheet HTML 28Page - Alpha Wire PVC-105-13 Datasheet HTML 29Page - Alpha Wire PVC-105-13 Datasheet HTML 30Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
506
FIT > FIT Wire Management > Non-Fraying, Expandable Braided Sleeving
FIT® Wire Management
Non-Fraying, Expandable Braided Sleeving
GRP-110NF, GRP-120NF
UL UZKX2
UL VW-1 (GRP-120NF,
XS-100FR)
CSA 5836 01
MIL-I-631
• Light weight, flexible routing
• Frayless: cuts without a
hot knife
• Compatible with automatic
cutting machines
Operating Temperature
• -75°C to +125°C
Color
• GRP-110NF, XS-100: Black or
natural
• GRP-120NF: Black with white
tracer thread
• XS-100FR: Black or white
Material
• Braided PET
Physical Properties
• Tensile strength:
GRP-110NF: 85,000 psi
(586 N/mm2)
GRP-120NF: 55,000 psi
(379 N/mm2)
XS-100/100FR: 100,000 psi
(689 N/mm2)
Chemical Properties
• Corrosive effect: none
• Fungus resistance: no growth
Availability
See tables
Spools may contain multiple
lengths
General-Purpose Sleeving
Part No.
Inside Diameter,
Min.
Expanded Inside
Diameter, Max.
Wall
Thickness
Construction
Standard
Put-Ups
Inch
mm
Inch
mm
Inch
mm
Carriers
Yarns
Total
Ft
m
GRP-110NF18
0.125
3.18
0.250
6.35
0.024
0.61
32
3
96
100, 500
30.5, 152
GRP-110NF14
0.156
3.96
0.438
11.13
0.024
0.61
40
3
120
100, 500
30.5, 152
GRP-110NF12
0.250
6.35
0.750
19.05
0.024
0.61
64
3
192
100, 500
30.5, 152
GRP-110NF34
0.625
15.88
1.000
25.40
0.024
0.61
80
3
240
100, 500
30.5, 152
GRP-110NF114
1.000
25.40
1.500
38.10
0.024
0.61
120
3
360
50, 250
15.2, 76
GRP-110NF112
1.250
31.75
2.000
50.80
0.024
0.61
120
4
480
50, 250
15.2, 76
XS-100-2-1/2
2.000
50.80
3.500
88.90
0.025
0.64
144
5
720
100
30.5
Flame-Retardant Sleeving
Part No.
Inside Diameter,
Min.
Expanded Inside
Diameter, Max.
Wall
Thickness
Construction
Standard
Put-Ups
Inch
mm
Inch
mm
Inch
mm
Carriers
Yarns
Total
Ft
m
GRP-120NF18
0.125
3.18
0.250
6.35
0.024
0.61
32
3
96
100, 500
30.5, 152
GRP-120NF14
0.156
3.96
0.438
11.13
0.024
0.61
40
3
120
100, 500
30.5, 152
GRP-120NF12
0.250
6.35
0.750
19.05
0.024
0.61
64
3
192
100, 500
30.5, 152
GRP-120NF34
0.625
15.88
1.000
25.40
0.024
0.61
80
3
240
100, 500
30.5, 152
GRP-120NF114
1.000
25.40
1.500
38.10
0.024
0.61
120
3
360
50, 250
15.2, 76
GRP-120NF112
1.250
31.75
2.000
50.80
0.024
0.61
120
4
480
50, 250
15.2, 76
XS-100FR-2-1/2
2.000
50.80
3.500
88.90
0.025
0.64
144
5
720
100
30.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com