Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVC-105-13 Datasheet(PDF) 4 Page - Alpha Wire

Part # PVC-105-13
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-13 Datasheet(HTML) 4 Page - Alpha Wire

  PVC-105-13 Datasheet HTML 1Page - Alpha Wire PVC-105-13 Datasheet HTML 2Page - Alpha Wire PVC-105-13 Datasheet HTML 3Page - Alpha Wire PVC-105-13 Datasheet HTML 4Page - Alpha Wire PVC-105-13 Datasheet HTML 5Page - Alpha Wire PVC-105-13 Datasheet HTML 6Page - Alpha Wire PVC-105-13 Datasheet HTML 7Page - Alpha Wire PVC-105-13 Datasheet HTML 8Page - Alpha Wire PVC-105-13 Datasheet HTML 9Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
484
Acrylic-Coated Fiberglass Sleeving
AF-155
AF-155 is a specially designed
fiberglass sleeving coated with a
thermally stable, flexible, acrylic
resin for wire and cable protection
in electrical equipment. The
most economical and versatile of
all coated sleeving products,
it offers high heat resistance,
extreme flexibility, and resistance
to cracking, abrasion, cut-though,
and chemicals.
PVC-Coated Fiberglass Sleeving
PIF-130
PIF-130 sleeving is a woven
fiberglass braid impregnated
with a heat-resistant, extremely
tough, abrasion-resistant and
flexible plastic insulation. The
fiberglass is treated to remove
all organic matter and resist
fraying. The sleeving is completely
compatible with all insulation and
conductor types.
Silicone-Coated Fiberglass
Sleeving
PIF-200, SF-200
PIF-200 and SF-200 sleeving
offers high heat and superior
electrical characteristics in a
closely woven, braided fiberglass,
uniformly coated with silicone
rubber. It provides low temperature
flexibility to -70°C and heat
protection to 200°C. The fiberglass
sleeving material is heat-set, cuts
cleanly, and will not fray. It is
easy to “pushback” and form
over components, connections,
and cables.
Uncoated Fiberglass Sleeving
PIF-240
PIF-240 sleeving is extremely
flexible and abrasion resistant. It
is ideal for applications requiring
operation up to 648°C. It is heat
treated to remove all organic
matter, and it is completely
compatible with all insulation and
conductor types.
CST Series
The pressure-sensitive adhesive
contains a uniform dispersion
of unique oxidation-resistant
conductive particles that produce
very low resistance through
the tape. This feature results
in shielding performance
approximately 5 dB better than
other metal foil shielding tapes.
Flexible PTFE Tubing
TFT-200 Thin-Wall Tubing
TFT-250 Standard-Wall Tubing
To improve the reliability of cable
harnesses, PTFE tubing provides
a heat and abrasion resistant wire
insulator under the most adverse
conditions. With an unmatched
temperature range, exceptional
abrasion resistance, and excellent
dielectric properties, it maintains
flexibility over its entire
temperature range.
FIT® Wire Management
Better wire management means better harnesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com