Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ463 Datasheet(PDF) 4 Page - NEC

Part # 2SJ463
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ463 Datasheet(HTML) 4 Page - NEC

  2SJ463 Datasheet HTML 1Page - NEC 2SJ463 Datasheet HTML 2Page - NEC 2SJ463 Datasheet HTML 3Page - NEC 2SJ463 Datasheet HTML 4Page - NEC 2SJ463 Datasheet HTML 5Page - NEC 2SJ463 Datasheet HTML 6Page - NEC 2SJ463 Datasheet HTML 7Page - NEC 2SJ463 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SJ463A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
ID - Drain Current - mA
–0.1
–1
–10
–100
–1000
0
10
20
30
40
50
60
VGS
= –10 V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
–2
–4
–6
–8
–10
0
10
20
30
40
50
60
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
–1
–10
–100
VGS = 0
f = 1 MHz
10
100
1
Ciss
Coss
Crss
SWITCHING CHARACTERISTICS
ID - Drain Current - mA
–10
–100
–1000
VDD = –3 V
VGS(on)
= –4 V
Rin = 10
Ω
10
100
1000
tr
td(on)
tf
td(off)
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–0.1
–1
–10
–100
–1000
TA
= –25 °C
TA
= 25 °C
ID
= –1 mA
ID
= –100 mA
ID
= –10 mA
TA
= 125 °C
TA
= 75 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com