Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ463 Datasheet(PDF) 1 Page - NEC

Part # 2SJ463
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ463 Datasheet(HTML) 1 Page - NEC

  2SJ463 Datasheet HTML 1Page - NEC 2SJ463 Datasheet HTML 2Page - NEC 2SJ463 Datasheet HTML 3Page - NEC 2SJ463 Datasheet HTML 4Page - NEC 2SJ463 Datasheet HTML 5Page - NEC 2SJ463 Datasheet HTML 6Page - NEC 2SJ463 Datasheet HTML 7Page - NEC 2SJ463 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1996
DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SJ463A
P-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR HIGH SPEED SWITCHING
Document No. D11198EJ1V0DS00 (1st edition)
Date Published September 1996 P
Printed in Japan
DESCRIPTION
The 2SJ463A is a switching device which can be driven directly
by a 2.5 V power source.
The 2SJ463A has excellent switching characteristics, and is
suitable for use as a high-speed switching device in digital circuits.
FEATURES
•
Can be driven by a 2.5 V power source.
•
Low Gate Cut-off Voltage.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage
VDSS
–30
V
Gate to Source Voltage
VGSS
+20
V
Drain Current (DC)
ID(DC)
+0.1
A
Drain Current (pulse)
ID(pulse)
+0.4 Note
A
Total Power Dissipation
PT
150
mW
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Note
PW
≤ 10
µs, Duty Cycle ≤ 1 %
Package Drawings (unit: mm)
Equivalent Circuit
2.1 ±0.1
2
1
3
1.25 ±0.1
Marking
Internal Diode
Source
Drain
Gate
Gate Protect
Diode
Electrode
Connection
1. Source
2. Gate
3. Drain
Marking : H21
The diode connected between the gate and source of the transistor serves as a protector against ESD. When this
device is actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage
may be applied to this device.


Similar Part No. - 2SJ463

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ463 RENESAS-2SJ463 Datasheet
4Mb / 8P
MOS FIELD EFFECT TRANSISTOR I
1995
2SJ463A RENESAS-2SJ463A Datasheet
324Kb / 7P
MOS FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - 2SJ463

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ460 NEC-2SJ460 Datasheet
294Kb / 6P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SJ461 NEC-2SJ461 Datasheet
278Kb / 6P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SJ462 NEC-2SJ462 Datasheet
63Kb / 6P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ559 NEC-2SJ559 Datasheet
50Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA610TA NEC-UPA610TA Datasheet
64Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
logo
Renesas Technology Corp
2SJ624-T1B-A RENESAS-2SJ624-T1B-A Datasheet
211Kb / 10P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ460 RENESAS-2SJ460 Datasheet
450Kb / 9P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com