Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL28EB742 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SL28EB742
Description  INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL28EB742 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SL28EB742 Datasheet HTML 9Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 10Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 11Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 12Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 13Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 14Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 15Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 16Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
SL28EB742
Preliminary Rev. 0.1
13
2.6. PCI/SRC_STP Assertion
The PCI/SRC_STP signal is an active low input used for synchronously stopping and starting the PCI outputs while
the rest of the clock generator continues to function. The set-up time for capturing PCI/SRC_STP going low is
10 ns (tSU) (refer to Figure 6). The PCIF and SRC clocks are affected by the PCI/SRC pin if their corresponding
control bit in the I2C register is set to allow them to be free running. For SRC clocks assertion description, refer to
the CPU_STP descriptions in Section 2.4 and Section 2.5.
Figure 6. PCI/SRC_STP Assertion Waveform
2.7. PCI/SRC_STP Deassertion
The deassertion of the PCI/SRC_STP signal causes all PCI and stoppable PCIF to resume running in a
synchronous manner within two PCI clock periods and after PCI/SRC_STP transitions to a high level. Similarly,
PCI/SRC_STP deassertion will cause stoppable SRC clocks to resume running. For an SRC clocks deassertion
description, refer to the CPU_STP description Section 2.4 and Section 2.5.
Figure 7. PCI/SRC_STP Deassertion Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com