Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL28EB742 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # SL28EB742
Description  INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL28EB742 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button SL28EB742 Datasheet HTML 30Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 31Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 32Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 33Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 34Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 35Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 36Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 37Page - List of Unclassifed Manufacturers SL28EB742 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
SL28EB742
34
Preliminary Rev. 0.1
Table 12. 56-QFN Pin Definitions
Pin #
Name
Type
Description
1
PCIF/ITP_EN
I/O,
SE, PD
33 MHz free running clock output/3.3 V LVTTL input to enable SRC6
or CPU2_ITP (sampled on the CKPWRGD assertion).
0 = SRC6, 1 = CPU2
2CLKREQ3
I, PD
Active low input pin enables SRC3 (internal 100 k
 pull-down).
3
12_48M / SEL12_48
I/O, SE
PU
12/48 MHz Clock output/3.3 V-tolerance input for 12 MHz or 48 MHz
selection (Sampled at CKPWRGD assertion) (internal 100 k
 pull-up).
0=48M, 1=12M
4
VDD_48
PWR
3.3 V Power supply
5
48M/FSA
I/O
PD
Fixed 48 MHz clock output/3.3 V-tolerant input for CPU frequency
selection (internal 100 k
 pull-down).
6
GND_48
GND
Ground.
7
GND_48
GND
Ground.
8
DOT96
O, DIF Fixed true 96 MHz clock output.
9DOT96
O, DIF Fixed complement 96 MHz clock output.
10
FSB
I, PD
3.3 V-tolerant input for CPU frequency selection (internal 100 k
 pull-
down).
11
GND_SATA
GND
Ground.
12
SATA/SRC0
O, DIF 100 MHz True differential serial reference clock.
13
SATA/SRC0
O, DIF 100 MHz Complement differential serial reference clock.
14
VDD_SATA
PWR
3.3 V Power supply.
15
SRC1
O, DIF 100 MHz True differential serial reference clock.
16
SRC1
O, DIF 100 MHz Complement differential serial reference clock.
17
SRC2
O, DIF 100 MHz True differential serial reference clock.
18
SRC2
O, DIF 100 MHz Complement differential serial reference clock.
19
SRC3
O, DIF 100 MHz True differential serial reference clock.
20
SRC3
O, DIF 100 MHz Complement differential serial reference clock.
21
GND_SRC
GND
Ground.
22
VDD_SRC
PWR
3.3 V Power supply.
23
SRC4
O, DIF 100 MHz Complement differential serial reference clock.
24
SRC4
O, DIF 100 MHz True differential serial reference clock.
25
SRC5
O, DIF 100 MHz Complement differential serial reference clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com