Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9775 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 5 Page - Analog Devices

  AD9775 Datasheet HTML 1Page - Analog Devices AD9775 Datasheet HTML 2Page - Analog Devices AD9775 Datasheet HTML 3Page - Analog Devices AD9775 Datasheet HTML 4Page - Analog Devices AD9775 Datasheet HTML 5Page - Analog Devices AD9775 Datasheet HTML 6Page - Analog Devices AD9775 Datasheet HTML 7Page - Analog Devices AD9775 Datasheet HTML 8Page - Analog Devices AD9775 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
AD9775
Rev. E | Page 5 of 56
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, CLKVDD = 3.3 V, DVDD = 3.3 V, PLLVDD = 3.3 V, IOUTFS = 20 mA, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
RESOLUTION
14
Bits
DC Accuracy1
Integral Nonlinearity
−5
±1.5
+5
LSB
Differential Nonlinearity
−3
±1.0
+3
LSB
ANALOG OUTPUT (for 1R and 2R Gain Setting Modes)
Offset Error
−0.02
±0.01
+0.02
% of FSR
Gain Error (with Internal Reference)
−1.0
+1.0
% of FSR
Gain Matching
−1.0
±0.1
+1.0
% of FSR
Full-Scale Output Current2
2
20
mA
Output Compliance Range
−1.0
+1.25
V
Output Resistance
200
kΩ
Output Capacitance
3
pF
Gain, Offset Cal DACs, Monotonicity Guaranteed
REFERENCE OUTPUT
Reference Voltage
1.14
1.20
1.26
V
Reference Output Current3
100
nA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
V
Reference Input Resistance
7
kΩ
Small Signal Bandwidth
0.5
MHz
TEMPERATURE COEFFICIENTS
Offset Drift
0
ppm of FSR/°C
Gain Drift (with Internal Reference)
50
ppm of FSR/°C
Reference Voltage Drift
±50
ppm/°C
POWER SUPPLY
AVDD
Voltage Range
3.1
3.3
3.5
V
Analog Supply Current (IAVDD)4
72.5
76
mA
IAVDD in SLEEP Mode
23.3
26
mA
CLKVDD
Voltage Range
3.1
3.3
3.5
V
Clock Supply Current (ICLKVDD)4
8.5
10.0
mA
CLKVDD (PLL ON)
Clock Supply Current (ICLKVDD)
23.5
mA
DVDD
Voltage Range
3.1
3.3
3.5
V
Digital Supply Current (IDVDD)4
34
41
mA
Nominal Power Dissipation
380
410
mW
PDIS5
1.75
W
PDIS IN PWDN
6.0
mW
Power Supply Rejection Ratio—AVDD
±0.4
% of FSR/V
OPERATING RANGE
−40
+85
°C
1 Measured at IOUTA driving a virtual ground.
2 Nominal full-scale current, IOUTFS, is 32 × the IREF current.
3 Use an external amplifier to drive any external load.
4 100 MSPS fDAC with fOUT = 1 MHz, all supplies = 3.3 V, no interpolation, no modulation.
5 400 MSPS fDAC = 50 MSPS, fS/2 modulation, PLL enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com