Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9775 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9775 Datasheet HTML 28Page - Analog Devices AD9775 Datasheet HTML 29Page - Analog Devices AD9775 Datasheet HTML 30Page - Analog Devices AD9775 Datasheet HTML 31Page - Analog Devices AD9775 Datasheet HTML 32Page - Analog Devices AD9775 Datasheet HTML 33Page - Analog Devices AD9775 Datasheet HTML 34Page - Analog Devices AD9775 Datasheet HTML 35Page - Analog Devices AD9775 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
AD9775
Rev. E | Page 32 of 56
MODULATION, NO INTERPOLATION
With Control Register 0x01, Bit 7 and Bit 6 set to 00, the
interpolation function on the AD9775 is disabled. Figure 59
through Figure 62 show the DAC output spectral characteristics
of the AD9775 in the various modulation modes, all with the
interpolation filters disabled. The modulation frequency is
determined by the state of Control Register 0x01, Bit 5 and Bit
4.
The tall rectangles represent the digital domain spectrum of a
baseband signal of narrow bandwidth. By comparing the digital
domain spectrum to the DAC sin(x)/x roll-off, an estimate can
be made for the characteristics required for the DAC recon-
struction filter.
Note also, per the previous discussion on amplitude
modulation, that the spectral components (where modulation is
set to fS/4 or fS/8) are scaled by a factor of 2. In the situation
where the modulation is fS/2, the modulated spectral
components add constructively, and there is no
scaling effect.
The Effects of the Digital Modulation on the DAC Output Spectrum, Interpolation Disabled
–100
–80
–60
–40
–20
0
0
0.2
0.4
0.6
0.8
1.0
fOUT (×fDATA)
Figure 59. No Interpolation, Modulation Disabled
–100
–80
–60
–40
–20
0
0
0.2
0.4
0.6
0.8
1.0
fOUT (×fDATA)
Figure 60. No Interpolation, Modulation = fDAC/2
–100
–80
–60
–40
–20
0
0
0.2
0.4
0.6
0.8
1.0
fOUT (×fDATA)
Figure 61. No Interpolation, Modulation = fDAC/4
–100
–80
–60
–40
–20
0
0
0.2
0.4
0.6
0.8
1.0
fOUT (×fDATA)
Figure 62. No Interpolation, Modulation = fDAC/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com